データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STC89LE53RC データシート(PDF) 141 Page - STCmicro Technology Co,.Ltd

部品番号 STC89LE53RC
部品情報  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STC [STCmicro Technology Co,.Ltd]
ホームページ  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE53RC データシート(HTML) 141 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE53RC Datasheet HTML 137Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 138Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 139Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 140Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 141Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 142Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 143Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 144Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 145Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 165 page
background image
So, the assembled instructions are equal to
MOV
A, #0FFH
Even though expressions evaluate to 16-bit results (i.e., 0FFFFH), in the examples above only the low-order
eight bits are used, since the instruction is a move byte operation. The result is not considered too big in this case,
because as signed numbers the 16-bit value FFFFH and the 8-bit value FFH are the same (-1).
Expression Examples
The following are examples of expressions and the values that result:
Expression
Result
'B' - 'A'
0001H
8/3
0002H
155 MOD 2
0001H
4 * 4
0010H
8 AND 7
0000H
NOT 1
FFFEH
'A' SHL 8
4100H
LOW 65535
00FFH
(8 + 1) * 2
0012H
5 EQ 4
0000H
'A' LT 'B'
FFFFH
3 <= 3
FFFFHss
A practical example that illustrates a common operation for timer initialization follows: Put -500 into Timer 1
registers TH1 and TL1. In using the HIGH and LOW operators, a good approach is
VALUE
EQU
-500
MOV
TH1, #HIGH VALUE
MOV
TL1, #LOW VALUE
The assembler converts -500 to the corresponding 16-bit value (FE0CH); then the HIGH and LOW operators
extract the high (FEH) and low (0CH) bytes. as appropriate for each MOV instruction.
Operator Precedence
The precedence of expression operators from highest to lowest is
( )
HIGH LOW
* / MOD SHL SHR
+ -
EQ NE LT LE GT GE = < > < <= > >=
NOT
AND
OR XOR
When operators of the same precedence are used, they are evaluated left to right.
Examples:
Expression
Value
HIGH ( 'A' SHL 8)
0041H
HIGH 'A' SHL 8
0000H
NOT 'A' - 1
FFBFH
'A' OR 'A' SHL 8
4141H
141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More