| データシートサーチシステム |
|
AR8327-AL1A-R データシート(PDF) 185 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AR8327-AL1A-R データシート(HTML) 185 Page - List of Unclassifed Manufacturers |
|
185 / 394 page ![]() Atheros Communications, Inc. AR8327/AR8327N Seven-port Gigabit Ethernet Switch • 185 3.7.6 PORT1_WRR_CTRL Address 0x0834 SFT&HW RST Table 3-157, “Port 1 Control Register,” on page 185 summarizes the PORT1_WRR_CTRL Register Table 3-157. Port 1 Control Register 3.7.7 PORT2_WRR_CTRL Address 0x0838 SFT&HW RST 9:5 R/W 2 WRR_PRI1_0 Wrr setting for priority 1 4:0 R/W 1 WRR_PRI0_0 Wrr setting for priority 0 Bit R/W Inital Value Mnemonic Description Bit R/W Inital Value Mnemonic Description 31:30 R/W 2'b00 WEIGHT_PRI_CTRL_1 2'b00: strict priority 2'b01: only highest queue use strick priority, others use weighted fair queuing schme 2'b10: the highest two queues use strick priority, other two queues use weighted fair queuing schme. 2'b11: all queues use weighted fair queuing schme which defined in "WRR_PRI3/2/1/0". 29:25 R/O 8 RESERVED 24:20 R/O 8 RESERVED 19:15 R/W 8 WRR_PRI3_1 Wrr setting for priority 3 14:10 R/W 4 WRR_PRI2_1 Wrr setting for priority 2 9:5 R/W 2 WRR_PRI1_1 Wrr setting for priority 1 4:0 R/W 1 WRR_PRI0_1 Wrr setting for priority 0 |