| データシートサーチシステム |
|
AR8327N-AL1A-R データシート(PDF) 182 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AR8327N-AL1A-R データシート(HTML) 182 Page - List of Unclassifed Manufacturers |
|
182 / 394 page ![]() 182 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch Atheros Communications, Inc. 182 • June 2011 COMPANY CONFIDENTIAL 3.7.3 WAN_QUEUE_MAP_REG Address 0x0810 SFT&HW RST Table 3-154, “WAN Port PRI to Queue Mapping Register,” on page 182 summarizes the WAN_QUEUE_MAP_REG Register Table 3-154. WAN Port PRI to Queue Mapping Register Bit R/W Inital Value Mnemonic Description 31 R/O 0 RESERVED 30:28 R/W 0 WAN_PRI_QUEUE_0X7 The destination Queue for priority value 0x7 in port 0, 5 and 6 27 R/O 0 RESERVED 26:24 R/W 0 WAN_PRI_QUEUE_0X6 The destination Queue for priority value 0x6 in port 0, 5 and 6 23 R/O 0 RESERVED 22:20 R/W 0 WAN_PRI_QUEUE_0X5 The destination Queue for priority value 0x5 in port 0, 5 and 6 19 R/O 0 RESERVED 18:16 R/W 0 WAN_PRI_QUEUE_0X4 The destination Queue for priority value 0x4 in port 0, 5 and 6 15 R/O 0 RESERVED 14:12 R/W 0 WAN_PRI_QUEUE_0X3 The destination Queue for priority value 0x3 in port 0, 5 and 6 11 R/O 0 RESERVED 10:8 R/W 0 WAN_PRI_QUEUE_0X2 The destination Queue for priority value 0x2 in port 0, 5 and 6 7R/O 0 RESERVED 6:4 R/W 0 WAN_PRI_QUEUE_0X1 The destination Queue for priority value 0x1 in port 0, 5 and 6 |