| データシートサーチシステム |
|
AR8327N-AL1A-R データシート(PDF) 187 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AR8327N-AL1A-R データシート(HTML) 187 Page - List of Unclassifed Manufacturers |
|
187 / 394 page ![]() Atheros Communications, Inc. AR8327/AR8327N Seven-port Gigabit Ethernet Switch • 187 Table 3-159. Port 3 WRR Control Register 3.7.9 PORT4_WRR_CTRL Address 0x0840 SFT&HW RST Table 3-160 summarizes the PORT4_WRR_CTRL Register Bit R/W Inital Value Mnemonic Description 31:30 R/W 2'b00 WEIGHT_PRI_CTRL_3 2'b00: strict priority 2'b01: only highest queue use strick priority, others use weighted fair queuing schme 2'b10: the highest two queues use strick priority, other two queues use weighted fair queuing schme. 2'b11: all queues use weighted fair queuing schme which defined in "WRR_PRI3/2/1/0". 29:25 R/W 8 RESERVED 24:20 R/W 8 RESERVED 19:15 R/W 8 WRR_PRI3_3 Wrr setting for priority 3 14:10 R/W 4 WRR_PRI2_3 Wrr setting for priority 2 9:5 R/W 2 WRR_PRI1_3 Wrr setting for priority 1 4:0 R/W 1 WRR_PRI0_3 Wrr setting for priority 0 |