データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES8316 データシート(PDF) 5 Page - Suzhou Everest Semiconductor Co. Ltd.

部品番号 ES8316
部品情報  Low Power Audio CODEC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
ホームページ  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8316 データシート(HTML) 5 Page - Suzhou Everest Semiconductor Co. Ltd.

  ES8316 Datasheet HTML 1Page - Suzhou Everest Semiconductor Co. Ltd. ES8316 Datasheet HTML 2Page - Suzhou Everest Semiconductor Co. Ltd. ES8316 Datasheet HTML 3Page - Suzhou Everest Semiconductor Co. Ltd. ES8316 Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES8316 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES8316 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES8316 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES8316 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES8316 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Everest Semiconductor
Confidential
ES8316
Revision 6.0
5
September 2018
Latest datasheet: www.everest-semi.com or info@everest-semi.com
4. CLOCK MODES AND SAMPLING FREQUENCIES
The device supports two types of clocking: standard audio clocks (256Fs, 384Fs, 512Fs, etc), and
USB clocks (12/24 MHz).
According to the serial audio data sampling frequency (Fs), the device can work in two speed
modes: single speed mode or double speed mode. In single speed mode, Fs normally ranges
from 8 kHz to 48 kHz, and in double speed mode, Fs normally range from 64 kHz to 96 kHz.
The device can work either in master clock mode or slave clock mode. In slave mode, LRCK and
SCLK are supplied externally, and LRCK and SCLK must be synchronously derived from the
system clock with specific rates. In master mode, LRCK and SCLK are derived internally from
device master clock.
5. MICRO-CONTROLLER CONFIGURATION INTERFACE
The device supports standard I2C micro-controller configuration interface. External micro-
controller can completely configure the device through writing to internal configuration
registers.
I2C interface is a bi-directional serial bus that uses a serial data line (SDA) and a serial clock line
(SCL) for data transfer. The timing diagram for data transfer of this interface is given in Figure 1.
Data are transmitted synchronously to SCL clock on the SDA line on a byte-by-byte basis. Each
bit in a byte is sampled during SCL high with MSB bit being transmitted firstly. Each transferred
byte is followed by an acknowledge bit from receiver to pull the SDA low. The transfer rate of
this interface can be up to 400 kbps.
Figure 1 Data Transfer for I2C Interface
A master controller initiates the transmission by sending a “start” signal, which is defined as a
high-to-low transition at SDA while SCL is high. The first byte transferred is the slave address. It
is a seven-bit chip address followed by a RW bit. The chip address must be 001000x, where x
equals AD0. The RW bit indicates the slave data transfer direction. Once an acknowledge bit is
received, the data transfer starts to proceed on a byte-by-byte basis in the direction specified by
the RW bit. The master can terminate the communication by generating a “stop” signal, which is
defined as a low-to-high transition at SDA while SCL is high.


同様の部品番号 - ES8316

メーカー部品番号データシート部品情報
logo
Suzhou Everest Semicond...
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
   Low Power Mono Audio CODEC
ES8312 EVEREST-ES8312 Datasheet
570Kb / 12P
   Low Power Mono Audio CODEC
More results

同様の説明 - ES8316

メーカー部品番号データシート部品情報
logo
Analog Devices
SSM2604 AD-SSM2604 Datasheet
490Kb / 28P
   Low Power Audio Codec
REV. 0
SSM2602 AD-SSM2602_08 Datasheet
659Kb / 32P
   Low Power Audio Codec
REV. 0
SSM2604 AD-SSM2604_17 Datasheet
490Kb / 29P
   Low Power Audio Codec
SSM2604 AD-SSM2604_18 Datasheet
439Kb / 28P
   Low Power Audio Codec
logo
List of Unclassifed Man...
XE3006 ETC-XE3006 Datasheet
465Kb / 32P
   Low-Power Audio CODEC
logo
Analog Devices
SSM2603 AD-SSM2603_18 Datasheet
504Kb / 31P
   Low Power Audio Codec
SSM2603 AD-SSM2603_17 Datasheet
585Kb / 33P
   Low Power Audio Codec
SSM2602 AD-SSM2602 Datasheet
611Kb / 28P
   Low Power Audio Codec
Rev. PrB
logo
Suzhou Everest Semicond...
ES8388S EVEREST-ES8388S Datasheet
855Kb / 29P
   Low Power Audio CODEC
ES8323S EVEREST-ES8323S Datasheet
857Kb / 28P
   Low Power Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com