データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISD14B00 データシート(PDF) 7 Page - Nuvoton Technology Corporation

部品番号 ISD14B00
部品情報  SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NUVOTON [Nuvoton Technology Corporation]
ホームページ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD14B00 データシート(HTML) 7 Page - Nuvoton Technology Corporation

Back Button ISD14B00 Datasheet HTML 3Page - Nuvoton Technology Corporation ISD14B00 Datasheet HTML 4Page - Nuvoton Technology Corporation ISD14B00 Datasheet HTML 5Page - Nuvoton Technology Corporation ISD14B00 Datasheet HTML 6Page - Nuvoton Technology Corporation ISD14B00 Datasheet HTML 7Page - Nuvoton Technology Corporation ISD14B00 Datasheet HTML 8Page - Nuvoton Technology Corporation ISD14B00 Datasheet HTML 9Page - Nuvoton Technology Corporation ISD14B00 Datasheet HTML 10Page - Nuvoton Technology Corporation ISD14B00 Datasheet HTML 11Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
ISD14B00
Publication Release Date: Jan 19, 2009
- 7 -
Revision 0.30
PIN NAME
PIN #
I / O
FUNCTION
M7
¯¯ : When Direct Mode is active, low active operation on 7
th Message.
Internal pull-up & debounce existed.
E3/M8
¯¯
11
I
E3
[1] : In Address Mode, End Address Bit 3.
M8
¯¯ : When Direct Mode is active, low active operation on 8
th Message.
Internal pull-up & debounce existed.
VSSP2
12
I
Ground: Ground for negative PWM speaker driver.
SP-
13
O
SP-: Negative signal of the differential Class-D PWM speaker outputs. This
output, together with the SP+, is used to drive an 8
Ω speaker directly.
VCCP
14
I
Speaker Power Supply: Power supply for PWM speaker drivers.
SP+
15
O
Depending on the derivative selected, it could be:
SP+: Positive signal of the differential Class-D PWM speaker outputs. This
output, together with the SP-, is used to drive an 8
Ω speaker directly.
Or,
AUX out: single-ended voltage output.
VSSP1
16
I
Ground: Ground for positive PWM speaker driver.
AGC
17
I
Automatic Gain Control (AGC): The AGC adjusts the gain of the
preamplifier dynamically to compensate for the wide range of microphone
input levels. The AGC allows the full range of signals to be recorded with
minimal distortion. The AGC is designed to operate with a nominal capacitor
of 4.7 µF connected to this pin.
Connecting this pin to ground (VSSA) provides maximum gain to the
preamplifier circuitry. Conversely, connecting this pin to the power supply
(VCCA) provides minimum gain to the preamplifier circuitry.
MIC+ / AnaIn
18
I
MIC+: Non-inverting input of the differential microphone signal.
AnaIn: When FT
¯¯ is selected, the MIC+ input is configured to a single-
ended input with 1Vp-p maximum input amplitude and feed-through to the
speaker outputs.
MIC- / NC
19
I
MIC-: Inverting input of the differential microphone signal. While FT
¯¯ is
enabled, MIC- pin is disabled and must be floated.
Rosc
20
I
Oscillator Resistor: Connect an external resistor from this pin to VSSA to
select the internal sampling frequency.
VCCA
21
I
Analog Power Supply: Power supply for analog circuits.
LED
¯¯¯¯
22
O
LED output: During recording, this output is Low. Also, LED
¯¯¯¯ pulses Low
momentarily at the end of playback.
PlayE
¯¯¯¯¯/FMC2
23
I
PlayE
¯¯¯¯¯: In Address Mode, low active input, edge-trigger playback from start
to end addresses & toggle on-off. Debounce & internal pull-up existed.
FMC2: When Direct Mode is active, FMC2, together with FMC1 & FMC3,
setup various fixed-message configurations.
REC
¯¯¯¯/ R
¯¯/P
24
I
REC
¯¯¯¯: In Address Mode, level-hold (after 1 sec holding) or edge-trigger
(toggle on-off), low active, recording from start to end addresses. Debounce
& internal pull-up existed.


同様の部品番号 - ISD14B00

メーカー部品番号データシート部品情報
logo
Winbond
ISD14B20 WINBOND-ISD14B20 Datasheet
537Kb / 24P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
ISD14B20X WINBOND-ISD14B20X Datasheet
537Kb / 24P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
More results

同様の説明 - ISD14B00

メーカー部品番号データシート部品情報
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
Multi-Message Single-Chip Voice Record&Playback Devices
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
Multi-Message Single-Chip Voice Record & Playback Devices
ISD1916 WINBOND-ISD1916 Datasheet
407Kb / 25P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
ISD14B20 WINBOND-ISD14B20 Datasheet
537Kb / 24P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Nuvoton Technology Corp...
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
Multi-Message Single-Chip Voice Record & Playback Devices
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com