データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSM6926 データシート(PDF) 5 Page - OKI electronic componets

部品番号 MSM6926
部品情報  300 bps Single Chip FSK MODEM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OKI [OKI electronic componets]
ホームページ  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6926 データシート(HTML) 5 Page - OKI electronic componets

  MSM6926 Datasheet HTML 1Page - OKI electronic componets MSM6926 Datasheet HTML 2Page - OKI electronic componets MSM6926 Datasheet HTML 3Page - OKI electronic componets MSM6926 Datasheet HTML 4Page - OKI electronic componets MSM6926 Datasheet HTML 5Page - OKI electronic componets MSM6926 Datasheet HTML 6Page - OKI electronic componets MSM6926 Datasheet HTML 7Page - OKI electronic componets MSM6926 Datasheet HTML 8Page - OKI electronic componets MSM6926 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
¡ Semiconductor
MSM6926/6946
5/25
Control
LT
444I
Digital loop back test. During digital "High", any data sent on the XD pin will appear
on the RD pin, and any data sent on the RS1 pin will immediately appear on the
CS pin. Any data demodulated from the received carrier on the AIN pin will be the
modulated data to implement the transmitted carrier. In this case, sending the
transmitted carrier to the phone line depends on the CC, but never on RS1.
During digital loop back test, the data on this pin becomes a control signal for sending
the transmitted carrier to the phone line in place of RS1.
CC
52I
When an external circuit gives the RS/CS delay time which is not within the device
as required, this pin should be connected to the external circuit output.
See Fig. 11.
RS2
88I
The fast carrier detection output. This pin is internally connected to the input of
the built-in carrier detect delay circuit. When an external delay circuit provides
the delay time which is not within the device as required, the CD1 should be
connected to the external circuit input. See Fig. 11.
CD1
11
12
O
Name
Pin No.
RS GS-K
I/O
Description
CD2
12
13
I/O
When an external circuit gives the carrier detect delay time which is not within
the device as required, this pin becomes the input pin for the external circuit
output signal. In other cases (when using the delay time within the device, the
data on the TS1 or TS2 is not digital "High"), this pin becomes the Carrier detect
signal output.
The RD1 data is demodulated data from the received carrier and the RD2 is the
input of the following logic circuits referred to in Fig. 12. Usually, the RD1 data
is input directly to RD2. In some cases, as input data to RD2, the data that is
controlled by NCU (Network control unit) etc. may be required in stead of the
RD1 data.
RD1
13
14
O
RD2
14
16
I
These two pins are the output (CRD1) and inverting input (CDR2) of the buffer
operational amplifier of which the noninverting input is connected to the built-in
voltage reference, stabilized to variations in the supply voltage and temperature.
See Fig. 13. An adequate carrier-detect level can be set by selecting the ratio of
R8 to R9. Therefore, the loss in the received carrier level by phone-line
transformer can be compensated by adjusting the ratio of R8 to R9. R8 + R9
should be greater than 50 k
W.
CDR1
16
20
O
CDR2
17
21
I
Answer/Originate mode select. During digital "High", the originate mode is
selected. A low input selects the answer mode.
M22
31
I
This pin may be used for device tests only. During digital "High", the AO pin will
be connected to receiving filter output instead of transmitting filter output.
FT
23
32
I
RS/CS delay and carrier detect delay options referred to chapter about timing
characteristics are selected by TS1 and TS2 inputs. Be careful that each delay
can not be individually selected. If another delay time than the ones within the
device are required as an option, input a digital "High" to the TS1 and TS2 pin
and implement the external delay circuits to obtain the desired delay
characteristics. In this case, the CD2 pin becomes not only the input for the
external circuit output signal, but also the Carrier detect output. See Fig. 11.
TS1
27
36
I
TS2
28
38
I


同様の部品番号 - MSM6926

メーカー部品番号データシート部品情報
logo
OKI electronic componet...
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
1200 bps Single Chip FSK MODEM
MSM6927GS-2K OKI-MSM6927GS-2K Datasheet
222Kb / 31P
1200 bps Single Chip FSK MODEM
MSM6927GS-K OKI-MSM6927GS-K Datasheet
222Kb / 31P
1200 bps Single Chip FSK MODEM
MSM6927RS OKI-MSM6927RS Datasheet
222Kb / 31P
1200 bps Single Chip FSK MODEM
More results

同様の説明 - MSM6926

メーカー部品番号データシート部品情報
logo
OKI electronic componet...
MSM6882-3 OKI-MSM6882-3 Datasheet
119Kb / 15P
2400/1200 bps Single Chip MSK Modem
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
1200 bps Single Chip FSK MODEM
MSM6948 OKI-MSM6948 Datasheet
117Kb / 13P
1200 bps Single Chip MSK Modem
MSM7510 OKI-MSM7510 Datasheet
114Kb / 12P
300 bps Full Duplex FSK Modem - ITU-T V.21
logo
STMicroelectronics
TS7515 STMICROELECTRONICS-TS7515 Datasheet
932Kb / 14P
SINGLE CHIP DPSK AND FSK MODEM
logo
Epson Company
STC9492C EPSON-STC9492C Datasheet
615Kb / 12P
CMOS 1,200 bps PSK SINGLE CHIP MODEM
logo
Motorola, Inc
MC145442B MOTOROLA-MC145442B Datasheet
113Kb / 12P
SINGLE-CHIP 300-BAUD MODEM
MC145442 MOTOROLA-MC145442 Datasheet
227Kb / 12P
SINGLE-CHIP 300-BAUD MODEM
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
Single-Chip 300-Baud Modem
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
Single-Chip 300-Baud Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com