| データシートサーチシステム |
|
PIC12F635E/ST データシート(PDF) 112 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F635E/ST データシート(HTML) 112 Page - Microchip Technology |
|
112 / 196 page ![]() PIC12F635/PIC16F636/639 DS41232B-page 110 Preliminary © 2005 Microchip Technology Inc. TABLE 11-7: AFE STATUS REGISTER BIT CONDITION (AFTER POWER-ON RESET AND VARIOUS SPI COMMANDS) Condition Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 CHZACT CHYACT CHXACT AGCACT WAKEZ WAKEY WAKEX ALARM PEI POR 0 0 0 0 0000 1 Read Command (STATUS Register only) u u u u uuu0 u Sleep Command u u u u uuuu u Soft Reset Executed(1) 0 0 0 0 000u u Legend: u = unchanged Note 1: See Section 11.20 “Soft Reset” and Section 11.32.2.4 “Soft Reset Command” for the condition of Soft Reset execution. |