データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KCP5-16 データシート(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 KCP5-16
部品情報  PNP Medium Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KCP5-16 データシート(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KCP5-16 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KCP5-16 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KCP5-16 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
SOT-223
Unit: mm
3.00
+0.1
-0.1
0.70
+0.1
-0.1
2.9
4.6
6.50
+0.2
-0.2
3.50
+0.2
-0.2
0.90
+0.2
-0.2
7.00
+0.3
-0.3
1
2
4
3
PNP Medium Power Transistors
3
■ Features
■ Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC=- 0.1mA,IE=0
-100
V
Collector-emitter breakdown voltage
V(BR)CEO IC= -10mA,IB=0
-80
V
Base-emitter breakdown voltage
V(BR)EBO IC= -10μA,IE=0
-5
V
Collector cutoff current
ICBO
VCB = -30 V, IE = 0
-100
nA
Emitter cutoff current
IEBO
VEB = -5 V, IC = 0
-100
nA
IC = -5 mA; VCE = -2 V
25
IC = -150 mA; VCE = -2 V
100
250
IC = -500 mA; VCE = -2 V
25
Collector-emitter saturation voltage
VCE(sat) IC = -500 mA; IB = -50 mA
-0.5
V
Base to emitter voltage
VBE
IC = -500 mA; VCE = -2 V
-1
V
Transition frequency
fT
IC = -50 mA; VCE = -10 V; f = 100 MHz
100
MHz
DC current gain
hFE
■ Marking
Marking
BCP53
1.Base
2.Collector
3.Emitter
■ Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector-base voltage (open emitter)
VCBO
-100
V
Collector-emitter voltage(open base)
VCEO
-80
V
Emitter-base voltage( open collector)
VEBO
-5
V
Collector current
IC
-1
A
power dissipation
PD
1.5
W
thermal resistance from junction to ambient
RθJA
83.3
℃/W
Junction temperature
Tj
150
Storage temperature
Tstg
-65 to +150
KCP5 -16
● For AF driver and output stages
● High collector current
● Low collector-emitter saturation voltage
1
www.kexin.com.cn


同様の部品番号 - KCP5-16

メーカー部品番号データシート部品情報
logo
Nanjing International G...
KCP51 DGNJDZ-KCP51 Datasheet
768Kb / 2P
PNP Transistors
KCP52 DGNJDZ-KCP52 Datasheet
768Kb / 2P
PNP Transistors
KCP53 DGNJDZ-KCP53 Datasheet
768Kb / 2P
PNP Transistors
logo
Guangdong Kexin Industr...
KCP56-16 KEXIN-KCP56-16 Datasheet
53Kb / 1P
NPN Medium Power Transistor
More results

同様の説明 - KCP5-16

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STF817 STMICROELECTRONICS-STF817 Datasheet
57Kb / 5P
PNP MEDIUM POWER TRANSISTORS
logo
Microsemi Corporation
2N3741A MICROSEMI-2N3741A Datasheet
62Kb / 3P
Medium Power PNP Transistors
logo
NXP Semiconductors
BCP51 PHILIPS-BCP51 Datasheet
44Kb / 8P
PNP medium power transistors
1999 Apr 08
logo
Guangdong Kexin Industr...
BCX51 KEXIN-BCX51 Datasheet
53Kb / 2P
PNP Medium Power Transistors
logo
New Jersey Semi-Conduct...
2N3740A NJSEMI-2N3740A Datasheet
234Kb / 2P
MEDIUM POWER PNP TRANSISTORS
2N3741 NJSEMI-2N3741 Datasheet
200Kb / 2P
MEDIUM POWER PNP TRANSISTORS
logo
Microsemi Corporation
2N3740 MICROSEMI-2N3740 Datasheet
62Kb / 3P
Medium Power PNP Transistors
logo
Leshan Radio Company
LBTP180Z4TZHG LRC-LBTP180Z4TZHG Datasheet
406Kb / 5P
PNP medium power transistors
logo
Nexperia B.V. All right...
BSP31 NEXPERIA-BSP31 Datasheet
327Kb / 7P
PNP medium power transistors
1999 Apr 26
logo
Guangdong Kexin Industr...
BCP51 KEXIN-BCP51 Datasheet
39Kb / 2P
PNP Medium Power Transistors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com