データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GPCR03B データシート(PDF) 3 Page - Generalplus Technology Inc.

部品番号 GPCR03B
部品情報  SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENERALPLUS [Generalplus Technology Inc.]
ホームページ  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCR03B データシート(HTML) 3 Page - Generalplus Technology Inc.

  GPCR03B Datasheet HTML 1Page - Generalplus Technology Inc. GPCR03B Datasheet HTML 2Page - Generalplus Technology Inc. GPCR03B Datasheet HTML 3Page - Generalplus Technology Inc. GPCR03B Datasheet HTML 4Page - Generalplus Technology Inc. GPCR03B Datasheet HTML 5Page - Generalplus Technology Inc. GPCR03B Datasheet HTML 6Page - Generalplus Technology Inc. GPCR03B Datasheet HTML 7Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GPCR03B
6. ELECTRICAL SPECIFICATIONS
6.1. Absolute Maximum Ratings
Characteristics
Ratings
Operating Temperature
0
°C to 70°C
Storage temperature range
-65
°C to 150°C
Voltage applied to any pin
(VSS-0.3V) to (VDD+0.3V)
Lead temperature
Soldering - 10 seconds 300
°C
VDD - VSS
-0.3V to 7.0V
Note: Stresses beyond those given in the Absolute Maximum Ratings table may cause operational errors or damage to the device.
For normal operational
conditions see AC/DC Electrical Characteristics.
6.2. DC Characteristics
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test condition
Operating Voltage
VDD
2.4
-
5.5
V
Temperature = 25
°C
ICC1
-
2.0
-
No load, VDD = 4.5V
Operating Current
ICC2
-
-
120
mA
8.0
Speaker, VDD = 4.5V
Standby Current
ISB
-
1.0
2.0
µA
VDD = 4.5V
Input High Voltage
VIH
0.7 x VDD
-
VDD
V
-
Input Low Voltage
VIL
VSS
-
0.2 x VDD
V
-
Output High Voltage
VOH
4.0
-
-
V
VDD = 4.5V, IOH = 2.0mA
Output Low Voltage
VOL
-
-
0.4
V
VDD = 4.5V, IOL = 4.0mA
Sample Rate
FS
4.0K
-
12K
Sa/Sec
VDD = 4.5V
Oscillation Resistor
ROSC
18K
-
62K
VDD = 4.5V
Rosc vs. Sample Rate
2.0
4.0
6.0
8.0
10.0
12.0
14.0
15
25
35
45
55
65
Rosc (K Ohm)
VDD=3.0V
VDD=4.5V
Figure 1.
© Generalplus Technology Inc.
Proprietary & Confidential
3
JUN. 22, 2005
Version: 1.2


同様の部品番号 - GPCR03B

メーカー部品番号データシート部品情報
logo
Generalplus Technology ...
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B-NnnV-C GENERALPLUS-GPCR06B-NnnV-C Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
GPCR06C-C GENERALPLUS-GPCR06C-C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
More results

同様の説明 - GPCR03B

メーカー部品番号データシート部品情報
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Generalplus Technology ...
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com