データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GPCR03B データシート(PDF) 1 Page - Generalplus Technology Inc.

部品番号 GPCR03B
部品情報  SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENERALPLUS [Generalplus Technology Inc.]
ホームページ  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCR03B データシート(HTML) 1 Page - Generalplus Technology Inc.

  GPCR03B Datasheet HTML 1Page - Generalplus Technology Inc. GPCR03B Datasheet HTML 2Page - Generalplus Technology Inc. GPCR03B Datasheet HTML 3Page - Generalplus Technology Inc. GPCR03B Datasheet HTML 4Page - Generalplus Technology Inc. GPCR03B Datasheet HTML 5Page - Generalplus Technology Inc. GPCR03B Datasheet HTML 6Page - Generalplus Technology Inc. GPCR03B Datasheet HTML 7Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GPCR03B
SINGLE-CHIP VOICE
RECORD/PLAYBACK DEVICES
1. GENERAL DESCRIPTION
The GPCR03B is a record and playback device without CPU.
It
includes
256K-bit
working
SRAM
capable
of
storing
approximately 10 seconds of audio or speech data (@ 6.0KHz
sampling rate).
Easy-to-use with low power consumption, it has
MIC (microphone) input, AGC function, one PWM audio output
and direct speaker driver offering the simplest solution for users.
For audio processing, melody and speech can be mixed into one
output.
It operates over a wide operating voltage range (2.4V -
5.5V) providing various battery options.
Providing the best
cost/performance ratio for users, the GPCR03B includes, not
only the latest technology, but also the full commitment and
technical support of Generalplus.
2. BLOCK DIAGRAM
AUDP
CLOCK
GENERATOR
ADDRESS
COUNTER
MICPHONE
INPUT
&
AUTOMATIC
GAIN CONTROL
CONTROL
LOGIC
256K BITS
MEMORY CELL
ADPCM
DECODER
&
PWM
OUTPUT
ROSC
OP1I
OP1O
RECO
PLAY
ADPCM
ENCODER
MIC
ALC
AUDN
LOWPRESS
&
FILTER
3. FEATURES
Nature, high-quality playback suitable for voice, music, and
tones
Single-chip voice record and playback device
Microphone preamplifier
Automatic gain control
Direct speaker driver
Built in 256K-bit SRAM
Wide operating voltage: 2.4V - 5.5V
Frequency of playing and recording: 4K - 12KHz
4. APPLICATION FIELD
Memo Message Recorder
Hand-Carried Message Recorder
Recordable Toys
© Generalplus Technology Inc.
Proprietary & Confidential
1
JUN. 22, 2005
Version: 1.2


同様の部品番号 - GPCR03B

メーカー部品番号データシート部品情報
logo
Generalplus Technology ...
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B-NnnV-C GENERALPLUS-GPCR06B-NnnV-C Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
GPCR06C-C GENERALPLUS-GPCR06C-C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
More results

同様の説明 - GPCR03B

メーカー部品番号データシート部品情報
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Generalplus Technology ...
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com