データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N5551 データシート(PDF) 3 Page - ON Semiconductor

部品番号 2N5551
部品情報  mplifier Transistors(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5551 データシート(HTML) 3 Page - ON Semiconductor

  2N5551 Datasheet HTML 1Page - ON Semiconductor 2N5551 Datasheet HTML 2Page - ON Semiconductor 2N5551 Datasheet HTML 3Page - ON Semiconductor 2N5551 Datasheet HTML 4Page - ON Semiconductor 2N5551 Datasheet HTML 5Page - ON Semiconductor 2N5551 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N5550, 2N5551
http://onsemi.com
3
ORDERING INFORMATION
Device
Package
Shipping
2N5550
TO−92
5,000 Unit / Bulk
2N5550RLRA
TO−92
2,000 Tape & Reel
2N5550RLRP
TO−92
2,000 Tape & Ammo Box
2N5550RLRPG
TO−92
(Pb−Free)
2,000 Tape & Ammo Box
2N5551
TO−92
5,000 Unit / Bulk
2N5551G
TO−92
(Pb−Free)
5,000 Unit / Bulk
2N5551RL1
TO−92
2,000 Tape & Reel
2N5551RLRA
TO−92
2,000 Tape & Reel
2N5551RLRM
TO−92
2,000 Tape & Ammo Box
2N5551RLRP
TO−92
2,000 Tape & Ammo Box
2N55551ZL1
TO−92
2,000 Tape & Ammo Box
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifica-
tions Brochure, BRD8011/D.
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
500
TJ = 125°C
−55 °C
25°C
5.0
10
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
200
30
20
300
100
50
7.0
VCE = 1.0 V
VCE = 5.0 V


同様の部品番号 - 2N5551

メーカー部品番号データシート部品情報
logo
Semtech Corporation
2N5551 SEMTECH-2N5551 Datasheet
131Kb / 2P
   NPN Silicon Expitaxial Planar Transistor for general purpose, high voltage amplifier applications????
logo
GUANGDONG HOTTECH INDUS...
2N5551 HOTTECH-2N5551 Datasheet
185Kb / 2P
   Plastic-Encapsulate Transistors
logo
Weitron Technology
2N5551 WEITRON-2N5551 Datasheet
171Kb / 4P
   NPN Transistors
logo
NXP Semiconductors
2N5551 NXP-2N5551 Datasheet
59Kb / 7P
   NPN high-voltage transistors
2004 Oct 28
logo
Tiger Electronic Co.,Lt...
2N5551 TGS-2N5551 Datasheet
51Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results

同様の説明 - 2N5551

メーカー部品番号データシート部品情報
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Quanzhou Jinmei Electro...
2SC4278 JMNIC-2SC4278_15 Datasheet
127Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SD1026_2015 JMNIC-2SD1026_2015 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
2N3583 CENTRAL-2N3583_15 Datasheet
344Kb / 2P
   SILICON NPN TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com