データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ULN2003A データシート(PDF) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

部品番号 ULN2003A
部品情報  7CH DARLINGTON SINK DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
ホームページ  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

ULN2003A データシート(HTML) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button ULN2003A Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003A Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003A Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003A Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003A Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003A Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003A Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003A Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003A Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ULN2003, 04A/AD
www.artschip.com
6
8. t ON, tOFF
(Note 1)
:
Pulse width 50μs, duty cycle 10%
Output impedance 50Ω, tr≤5ns, tf≤10ns
(Note 2)
:
See below
INPUT CONDITION
TYPE NUMBER
R1
VIH
ULN2003A/AD
0
3V
ULN2004A/AD
0
8V
(Note 3)
: CL includes probe and jig capacitance.
PRECAUTIONS for USING
Utmost care is necessary in the design of the output line, COMMON and GND line since IC may be destroyed due
to short-circuit between outputs, air contamination fault, or fault by improper grounding.


同様の部品番号 - ULN2003A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
62Kb / 8P
   SEVEN DARLINGTON ARRAYS
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
605Kb / 14P
   Seven darlington array
logo
Texas Instruments
ULN2003A TI1-ULN2003A Datasheet
1Mb / 41P
[Old version datasheet]   ULN200x, ULQ200x High-Voltage, High-Current Darlington Transistor Arrays
REVISED JUNE 2024
logo
STMicroelectronics
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
326Kb / 8P
   SEVEN DARLINGTON ARRAYS
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
   High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
More results

同様の説明 - ULN2003A

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_11 Datasheet
328Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62007P TOSHIBA-TD62007P Datasheet
237Kb / 6P
   7CH DARLINGTON SINK DRIVER
TD62008AP TOSHIBA-TD62008AP Datasheet
251Kb / 6P
   7CH DARLINGTON SINK DRIVER
ULN2003AP TOSHIBA-ULN2003AP Datasheet
374Kb / 11P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_15 Datasheet
391Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2004 UTC-ULN2004_10 Datasheet
212Kb / 8P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62008AFWG TOSHIBA-TD62008AFWG Datasheet
171Kb / 8P
   7ch Darlington Sink Driver
TD620003 TOSHIBA-TD620003 Datasheet
278Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com