データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1805135 データシート(PDF) 1 Page - PHOENIX CONTACT

部品番号 1805135
部品情報  Photovoltaic connector - PV-FT-CF-C-2,5-130-BU
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1805135 データシート(HTML) 1 Page - PHOENIX CONTACT

  1805135 Datasheet HTML 1Page - PHOENIX CONTACT 1805135 Datasheet HTML 2Page - PHOENIX CONTACT 1805135 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1805135
03/19/2019   Page 1 / 3
Photovoltaic connector - PV-FT-CF-C-2,5-130-BU - 1805135
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Photovoltaic connector, Photovoltaic connector, Housing material: PPE, color: black, Min. wire cross section:
2.5 mm², Rated current: 27 A, Connection method: Crimp, Type of contact: Socket, Cable length: 130. can
only be released using a tool
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356671460
Technical data
Dimensions
Fixed cable length
130 mm
External cable diameter
4.25 mm ±0.15 mm
Ambient conditions
Degree of protection (when plugged in)
IP66 / IP68 (2 m / 24 h)
Degree of protection (not plugged in)
IP65
Ambient temperature (operation)
-40 °C ... 85 °C
Ambient temperature (assembly)
-25 °C ... 50 °C
General
Design
Socket
Tightening torque nut
1.8 Nm ±0.1 Nm
Insertion force
45 N ±10 N
Disconnect force
250 N ±50 N
Pull-out force of cable >= disconnect force
> 80 N
Rated voltage
1500 V
Rated current (2.5 mm²)
27 A
Nominal cross section
2.5 mm²
Protection class
II


同様の部品番号 - 1805135

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1805136 PHOENIX-1805136 Datasheet
62Kb / 4P
   Printed-circuit board connector - MSTB 2,5/ 9-STF-5,08 BK
More results

同様の説明 - 1805135

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1805177 PHOENIX-1805177 Datasheet
75Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-6-130-BU
1805151 PHOENIX-1805151 Datasheet
75Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-4-130-BU
1705995 PHOENIX-1705995 Datasheet
76Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-2,5-300-BU
1623071 PHOENIX-1623071 Datasheet
58Kb / 2P
   Photovoltaic connector - PV-FT-CF-C-2,5-170-BU-FE
1805148 PHOENIX-1805148 Datasheet
80Kb / 3P
   Photovoltaic connector - PV-FT-CM-C-2,5-130-RD
1621847 PHOENIX-1621847 Datasheet
72Kb / 2P
   Photovoltaic connector - PV-FT-CF-C-6-500-BK
1806024 PHOENIX-1806024 Datasheet
77Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-6-350-BK
11/04/2018
1805164 PHOENIX-1805164 Datasheet
79Kb / 3P
   Photovoltaic connector - PV-FT-CM-C-4-130-RD
1805180 PHOENIX-1805180 Datasheet
107Kb / 7P
   Photovoltaic connector - PV-FT-CM-C-6-130-RD
09/12/2020
1622661 PHOENIX-1622661 Datasheet
320Kb / 10P
   Photovoltaic connector - PV-CF-C-HSG
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com