データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1805135 データシート(PDF) 2 Page - PHOENIX CONTACT

部品番号 1805135
部品情報  Photovoltaic connector - PV-FT-CF-C-2,5-130-BU
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1805135 データシート(HTML) 2 Page - PHOENIX CONTACT

  1805135 Datasheet HTML 1Page - PHOENIX CONTACT 1805135 Datasheet HTML 2Page - PHOENIX CONTACT 1805135 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1805135
03/19/2019   Page 2 / 3
Photovoltaic connector - PV-FT-CF-C-2,5-130-BU - 1805135
Technical data
Material
Color
black
Insulating material
mPPE
Contact material
Cu
Contact surface material
Ag
Flammability rating according to UL 94
V0
Connection data
Connection method
Crimp
Connection capacity
2.5 mm²
Contact resistance with connected conductor
0.45 mΩ
Cable type
S01
Conductor
Outer sheath, material
PE-X
External sheath, color
blue
Standards and Regulations
Halogen-free
yes
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings
Dimensional drawing
5,7
±0,05
c
Ø12,1
±0,05
a
Dimensional drawing
43,2
c
x
Dimension x = cable length
c: panel thickness - plastic: 2 - 6 mm; metal: 2 - 5 mm
Approvals
Approvals
Approvals
TÜV Rheinland / EAC


同様の部品番号 - 1805135

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1805136 PHOENIX-1805136 Datasheet
62Kb / 4P
   Printed-circuit board connector - MSTB 2,5/ 9-STF-5,08 BK
More results

同様の説明 - 1805135

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1805177 PHOENIX-1805177 Datasheet
75Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-6-130-BU
1805151 PHOENIX-1805151 Datasheet
75Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-4-130-BU
1705995 PHOENIX-1705995 Datasheet
76Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-2,5-300-BU
1623071 PHOENIX-1623071 Datasheet
58Kb / 2P
   Photovoltaic connector - PV-FT-CF-C-2,5-170-BU-FE
1805148 PHOENIX-1805148 Datasheet
80Kb / 3P
   Photovoltaic connector - PV-FT-CM-C-2,5-130-RD
1621847 PHOENIX-1621847 Datasheet
72Kb / 2P
   Photovoltaic connector - PV-FT-CF-C-6-500-BK
1806024 PHOENIX-1806024 Datasheet
77Kb / 3P
   Photovoltaic connector - PV-FT-CF-C-6-350-BK
11/04/2018
1805164 PHOENIX-1805164 Datasheet
79Kb / 3P
   Photovoltaic connector - PV-FT-CM-C-4-130-RD
1805180 PHOENIX-1805180 Datasheet
107Kb / 7P
   Photovoltaic connector - PV-FT-CM-C-6-130-RD
09/12/2020
1622661 PHOENIX-1622661 Datasheet
320Kb / 10P
   Photovoltaic connector - PV-CF-C-HSG
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com