データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1805177 データシート(PDF) 2 Page - PHOENIX CONTACT

部品番号 1805177
部品情報  Photovoltaic connector - PV-FT-CF-C-6-130-BU
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1805177 データシート(HTML) 2 Page - PHOENIX CONTACT

  1805177 Datasheet HTML 1Page - PHOENIX CONTACT 1805177 Datasheet HTML 2Page - PHOENIX CONTACT 1805177 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1805177
03/19/2019   Page 2 / 3
Photovoltaic connector - PV-FT-CF-C-6-130-BU - 1805177
Technical data
Material
Color
black
Insulating material
mPPE
Contact material
Cu
Contact surface material
Ag
Flammability rating according to UL 94
V0
Connection data
Connection method
Crimp
Connection capacity
6 mm²
Contact resistance with connected conductor
0.45 mΩ
Cable type
S03
Conductor
Outer sheath, material
PE-X
External sheath, color
blue
Standards and Regulations
Halogen-free
yes
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings
Dimensional drawing
5,7
±0,05
c
Ø12,1
±0,05
a
a: anti-rotation protection
b: coding
c: panel thickness - plastic: 2 - 6 mm; metal: 2 -
5 mm
Dimensional drawing
43,2
c
x
Dimension x = cable length
c: panel thickness - plastic: 2 - 6 mm; metal: 2 - 5 mm
Approvals
Approvals
Approvals
TÜV Rheinland / EAC


同様の部品番号 - 1805177

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1805119 PHOENIX-1805119 Datasheet
278Kb / 9P
MKKDS 3/ 9 - PCB terminal block
1805135 PHOENIX-1805135 Datasheet
75Kb / 3P
Photovoltaic connector - PV-FT-CF-C-2,5-130-BU
1805136 PHOENIX-1805136 Datasheet
62Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 9-STF-5,08 BK
1805148 PHOENIX-1805148 Datasheet
80Kb / 3P
Photovoltaic connector - PV-FT-CM-C-2,5-130-RD
1805151 PHOENIX-1805151 Datasheet
75Kb / 3P
Photovoltaic connector - PV-FT-CF-C-4-130-BU
More results

同様の説明 - 1805177

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1621847 PHOENIX-1621847 Datasheet
72Kb / 2P
Photovoltaic connector - PV-FT-CF-C-6-500-BK
1623071 PHOENIX-1623071 Datasheet
58Kb / 2P
Photovoltaic connector - PV-FT-CF-C-2,5-170-BU-FE
1705995 PHOENIX-1705995 Datasheet
76Kb / 3P
Photovoltaic connector - PV-FT-CF-C-2,5-300-BU
1805135 PHOENIX-1805135 Datasheet
75Kb / 3P
Photovoltaic connector - PV-FT-CF-C-2,5-130-BU
1805148 PHOENIX-1805148 Datasheet
80Kb / 3P
Photovoltaic connector - PV-FT-CM-C-2,5-130-RD
1805151 PHOENIX-1805151 Datasheet
75Kb / 3P
Photovoltaic connector - PV-FT-CF-C-4-130-BU
1805164 PHOENIX-1805164 Datasheet
79Kb / 3P
Photovoltaic connector - PV-FT-CM-C-4-130-RD
1805180 PHOENIX-1805180 Datasheet
107Kb / 7P
Photovoltaic connector - PV-FT-CM-C-6-130-RD
09/12/2020
1806024 PHOENIX-1806024 Datasheet
77Kb / 3P
Photovoltaic connector - PV-FT-CF-C-6-350-BK
11/04/2018
1622661 PHOENIX-1622661 Datasheet
320Kb / 10P
Photovoltaic connector - PV-CF-C-HSG
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com