データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0830530 データシート(PDF) 1 Page - PHOENIX CONTACT

部品番号 0830530
部品情報  Label, can be removed - EML-RM (15X15)R
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830530 データシート(HTML) 1 Page - PHOENIX CONTACT

  0830530 Datasheet HTML 1Page - PHOENIX CONTACT 0830530 Datasheet HTML 2Page - PHOENIX CONTACT 0830530 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/produkte/0830530
09.05.2013   Page 1 / 3
Label, can be removed - EML-RM (15X15)R - 0830530
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Label, can be removed, Roll, white, Unlabeled, Can be labeled with: Thermomark R, Thermomark X,
Thermomark S, Mounting type: Adhesive, Lettering field: 15 x 15 mm
The figure shows a version of the
article
Product Features
 Stick-on device marking, removable
 Particularly suitable for temporary marking
 The labels cannot be reused following removal
Key commercial data
Packing unit
1 PCE
GTIN
Custom tariff number
39199000
Country of origin
GERMANY
Technical data
General
Length (b)
15 mm
Width (a)
15 mm
Color
white
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-40 °C ... 120 °C
Ambient temperature (assembly)
15 °C
Components
free from silicone and halogen
Material
Polyester
Number of individual labels
4000
Number of individual labels per row
4
Adhesive
Acrylic


同様の部品番号 - 0830530

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
0830531 PHOENIX-0830531 Datasheet
51Kb / 3P
   Label, can be removed - EML-RM (20X7)R
0830532 PHOENIX-0830532 Datasheet
50Kb / 3P
   Label, can be removed - EML-RM (24X4)R
0830533 PHOENIX-0830533 Datasheet
50Kb / 3P
   Label, can be removed - EML-RM (25X8)R
0830534 PHOENIX-0830534 Datasheet
51Kb / 3P
   Label, can be removed - EML-RM (25,4X12,7)R
0830535 PHOENIX-0830535 Datasheet
50Kb / 3P
   Label, can be removed - EML-RM (32X10)R
More results

同様の説明 - 0830530

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
0830542 PHOENIX-0830542 Datasheet
50Kb / 3P
   Label, can be removed - EML-RM (15X15)RL-T
0830535 PHOENIX-0830535 Datasheet
50Kb / 3P
   Label, can be removed - EML-RM (32X10)R
0830534 PHOENIX-0830534 Datasheet
51Kb / 3P
   Label, can be removed - EML-RM (25,4X12,7)R
0830529 PHOENIX-0830529 Datasheet
59Kb / 3P
   Label, can be removed - EML-RM (15X6)R
0830536 PHOENIX-0830536 Datasheet
51Kb / 3P
   Label, can be removed - EML-RM (35X6,5)R
0830537 PHOENIX-0830537 Datasheet
51Kb / 3P
   Label, can be removed - EML-RM (40X15)R
0830538 PHOENIX-0830538 Datasheet
50Kb / 3P
   Label, can be removed - EML-RM (45X5)R
0830528 PHOENIX-0830528 Datasheet
51Kb / 3P
   Label, can be removed - EML-RM (8X8)R
0830531 PHOENIX-0830531 Datasheet
51Kb / 3P
   Label, can be removed - EML-RM (20X7)R
0830533 PHOENIX-0830533 Datasheet
50Kb / 3P
   Label, can be removed - EML-RM (25X8)R
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com