データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STR720 データシート(PDF) 372 Page - STMicroelectronics

部品番号 STR720
部品情報  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 データシート(HTML) 372 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 368Page - STMicroelectronics STR720 Datasheet HTML 369Page - STMicroelectronics STR720 Datasheet HTML 370Page - STMicroelectronics STR720 Datasheet HTML 371Page - STMicroelectronics STR720 Datasheet HTML 372Page - STMicroelectronics STR720 Datasheet HTML 373Page - STMicroelectronics STR720 Datasheet HTML 374Page - STMicroelectronics STR720 Datasheet HTML 375Page - STMicroelectronics STR720 Datasheet HTML 376Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 401 page
background image
STR720 - SYSTEM RESET
372/401
exit from stand-by mode) a check on RTC Alarm registers can be done (see RTCA registers in
Chapter 14: REAL TIME CLOCK (RTC) on page 150). These registers are reset to all-1
state, representing a time in the far future which is likely to be useless for any application
using the alarm feature. Hence application software can use these registers as a flag to detect
RTC reset events, thus distinguishing between a plain system reset (RTCA registers keep
their value) and a power-on reset (RTCA registers are initialized).
Similarly during power-off sequence or Stand-by entry, RSTIN pin should be driven low before
switching off power supply, as depicted in next Figure 70 on page 372.
Figure 70. Power-off supply sequence
VDD3
VDD
RSTIN
Reset pin driven low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More