データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STR720RXH6 データシート(PDF) 181 Page - STMicroelectronics

部品番号 STR720RXH6
部品情報  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 データシート(HTML) 181 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 177Page - STMicroelectronics STR720RXH6 Datasheet HTML 178Page - STMicroelectronics STR720RXH6 Datasheet HTML 179Page - STMicroelectronics STR720RXH6 Datasheet HTML 180Page - STMicroelectronics STR720RXH6 Datasheet HTML 181Page - STMicroelectronics STR720RXH6 Datasheet HTML 182Page - STMicroelectronics STR720RXH6 Datasheet HTML 183Page - STMicroelectronics STR720RXH6 Datasheet HTML 184Page - STMicroelectronics STR720RXH6 Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 401 page
background image
STR720 - UART
181/401
Bit 4:3 = Stop Bits: Number of stop bits selection
These bits select the number of stop bits
00: 0.5 stop bits
01: 1 stop bit
10: 1.5 stop bits
11: 2 stop bits
Bit 2:0 = Mode: ASC Mode control
000: reserved
001: 8 bit data
010: reserved
011: 7 bit data + parity
100: 9 bit data
101: 8 bit data + wake up bit
110: reserved
111: 8 bit data + parity
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More