データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STR720RXH6 データシート(PDF) 255 Page - STMicroelectronics

部品番号 STR720RXH6
部品情報  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 データシート(HTML) 255 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 251Page - STMicroelectronics STR720RXH6 Datasheet HTML 252Page - STMicroelectronics STR720RXH6 Datasheet HTML 253Page - STMicroelectronics STR720RXH6 Datasheet HTML 254Page - STMicroelectronics STR720RXH6 Datasheet HTML 255Page - STMicroelectronics STR720RXH6 Datasheet HTML 256Page - STMicroelectronics STR720RXH6 Datasheet HTML 257Page - STMicroelectronics STR720RXH6 Datasheet HTML 258Page - STMicroelectronics STR720RXH6 Datasheet HTML 259Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
255/401
The examples in Figure 38 show how short dominant noise spikes are filtered by
synchronizations. In both examples the spike starts at the end of Prop_Seg and has the
length of “Prop_Seg + Phase_Seg1”.
In the first example, the Synchronization Jump Width is greater than or equal to the phase
error of the spike’s edge from recessive to dominant. Therefore the Sample Point is shifted
after the end of the spike; a recessive bus level is sampled.
In the second example, SJW is shorter than the phase error, so the Sample Point cannot be
shifted far enough; the dominant spike is sampled as actual bus level.
Figure 38. Filtering of Short Dominant Spikes
recessive
dominant
Sync_Seg
Prop_Seg
Phase_Seg1
Phase_Seg2
Spike
Rx-Input
Sample-Point
Sample-Point
Sample-Point
Sample-Point
recessive
dominant
Spike
Rx-Input
SJW
≥ Phase Error
SJW < Phase Error
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More