データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1725471 データシート(PDF) 1 Page - PHOENIX CONTACT

部品番号 1725471
部品情報  PTDA 2,5/15-5,0
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1725471 データシート(HTML) 1 Page - PHOENIX CONTACT

  1725471 Datasheet HTML 1Page - PHOENIX CONTACT 1725471 Datasheet HTML 2Page - PHOENIX CONTACT 1725471 Datasheet HTML 3Page - PHOENIX CONTACT 1725471 Datasheet HTML 4Page - PHOENIX CONTACT 1725471 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Apr 4, 2011
Extract from the online
catalog
 
PTDA 2,5/15-5,0
Order No.: 1725471
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1725471
 
 
PC terminal block, Nominal current: 24 A, Nom. voltage: 400 V, Pitch:
5 mm, Number of positions: 15, Connection method: Spring-cage
conn., Mounting: Soldering, Conductor/PCB connection direction: 45 °,
Color: green
 
Commercial data
GTIN (EAN)
4
046356
129381
Note
Made-to-order
sales group
E412
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 457 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
02/21/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
70 mm
Number of positions
15


同様の部品番号 - 1725471

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1725401022 MOLEX11-1725401022 Datasheet
53Kb / 2P
   Impact zX2 95 Ohm 6 Pair Right Angle Orthogonal Daughtercard, Unguided
1725401022 MOLEX1-1725401022_17 Datasheet
60Kb / 2P
   Impact zX2 95 Ohm 6 Pair Right Angle Orthogonal Daughtercard, Unguided
logo
PHOENIX CONTACT
1725406 PHOENIX-1725406 Datasheet
158Kb / 5P
   PTDA 2,5/10-5,0
1725419 PHOENIX-1725419 Datasheet
158Kb / 5P
   PTDA 2,5/11-5,0
1725432 PHOENIX-1725432 Datasheet
158Kb / 5P
   PTDA 2,5/12-5,0
More results

同様の説明 - 1725471

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1725666 PHOENIX-1725666 Datasheet
141Kb / 5P
   PTDA 2,5/15-PH-5,0
1725406 PHOENIX-1725406 Datasheet
158Kb / 5P
   PTDA 2,5/10-5,0
1725419 PHOENIX-1725419 Datasheet
158Kb / 5P
   PTDA 2,5/11-5,0
1725302 PHOENIX-1725302 Datasheet
157Kb / 5P
   PTDA 2,5/ 2-5,0
1725393 PHOENIX-1725393 Datasheet
158Kb / 5P
   PTDA 2,5/ 9-5,0
1725380 PHOENIX-1725380 Datasheet
158Kb / 5P
   PTDA 2,5/ 8-5,0
1725458 PHOENIX-1725458 Datasheet
158Kb / 5P
   PTDA 2,5/14-5,0
1725445 PHOENIX-1725445 Datasheet
158Kb / 5P
   PTDA 2,5/13-5,0
1725367 PHOENIX-1725367 Datasheet
158Kb / 5P
   PTDA 2,5/ 7-5,0
1725354 PHOENIX-1725354 Datasheet
158Kb / 5P
   PTDA 2,5/ 6-5,0
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com