データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1725471 データシート(PDF) 2 Page - PHOENIX CONTACT

部品番号 1725471
部品情報  PTDA 2,5/15-5,0
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1725471 データシート(HTML) 2 Page - PHOENIX CONTACT

  1725471 Datasheet HTML 1Page - PHOENIX CONTACT 1725471 Datasheet HTML 2Page - PHOENIX CONTACT 1725471 Datasheet HTML 3Page - PHOENIX CONTACT 1725471 Datasheet HTML 4Page - PHOENIX CONTACT 1725471 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PTDA 2,5/15-5,0 Order No.: 1725471
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1725471
PHOENIX CONTACT Deutschland GmbH
Page 2 / 5
http://www.phoenixcontact.de
Apr 4, 2011
Pin dimensions
1,0 x 0,4
Pin spacing
5 mm
Hole diameter
1.3 mm
Technical data
Range of articles
PTDA 2,5/
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
320 V
Rated voltage (III/2)
400 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
24 A
Nominal cross section
2.5 mm²
Maximum load current
24 A
Insulating material
PA
Inflammability class acc. to UL 94
V0
Stripping length
10 mm
Nominal voltage, UL/CUL Use Group B
300 V
Nominal current, UL/CUL Use Group B
15 A
Nominal voltage, UL/CUL Use Group D
300 V
Nominal current, UL/CUL Use Group D
10 A
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve min.
0.5 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve max.
2.5 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve min.
0.5 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve max.
1 mm²


同様の部品番号 - 1725471

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1725401022 MOLEX11-1725401022 Datasheet
53Kb / 2P
   Impact zX2 95 Ohm 6 Pair Right Angle Orthogonal Daughtercard, Unguided
1725401022 MOLEX1-1725401022_17 Datasheet
60Kb / 2P
   Impact zX2 95 Ohm 6 Pair Right Angle Orthogonal Daughtercard, Unguided
logo
PHOENIX CONTACT
1725406 PHOENIX-1725406 Datasheet
158Kb / 5P
   PTDA 2,5/10-5,0
1725419 PHOENIX-1725419 Datasheet
158Kb / 5P
   PTDA 2,5/11-5,0
1725432 PHOENIX-1725432 Datasheet
158Kb / 5P
   PTDA 2,5/12-5,0
More results

同様の説明 - 1725471

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1725666 PHOENIX-1725666 Datasheet
141Kb / 5P
   PTDA 2,5/15-PH-5,0
1725406 PHOENIX-1725406 Datasheet
158Kb / 5P
   PTDA 2,5/10-5,0
1725419 PHOENIX-1725419 Datasheet
158Kb / 5P
   PTDA 2,5/11-5,0
1725302 PHOENIX-1725302 Datasheet
157Kb / 5P
   PTDA 2,5/ 2-5,0
1725393 PHOENIX-1725393 Datasheet
158Kb / 5P
   PTDA 2,5/ 9-5,0
1725380 PHOENIX-1725380 Datasheet
158Kb / 5P
   PTDA 2,5/ 8-5,0
1725458 PHOENIX-1725458 Datasheet
158Kb / 5P
   PTDA 2,5/14-5,0
1725445 PHOENIX-1725445 Datasheet
158Kb / 5P
   PTDA 2,5/13-5,0
1725367 PHOENIX-1725367 Datasheet
158Kb / 5P
   PTDA 2,5/ 7-5,0
1725354 PHOENIX-1725354 Datasheet
158Kb / 5P
   PTDA 2,5/ 6-5,0
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com