データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TW4037 データシート(PDF) 1 Page - Tallysman Wireless Inc.

部品番号 TW4037
部品情報  TW4037/TW4039 Low Gain GPS Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TALLYSMAN [Tallysman Wireless Inc.]
ホームページ  https://www.tallysman.com/
Logo TALLYSMAN - Tallysman Wireless Inc.

TW4037 データシート(HTML) 1 Page - Tallysman Wireless Inc.

  TW4037 Datasheet HTML 1Page - Tallysman Wireless Inc. TW4037 Datasheet HTML 2Page - Tallysman Wireless Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TW4037/TW4039 Low Gain GPS Antenna
Applications
Battery operated monitoring
Covert Surveillance
Fleet Management & Asset Tracking
Satcom based AVL solutions
Features
Invariant response, 2.7 to 5.5 VDC Supply
Low Noise Figure 1.8dB/3.3dB Typ. (TW4037/TW4039)
Axial ratio: 4 dB max (GPS)
Min Gain: 15dB/12dB (TW4037/TW4039)
IP67 weather proof housing
Benefits
• Excellent signal to noise ratio
• RoHS compliant
• Ideal for harsh environments
• Excellent out of band signal rejection
The TW4037/TW4039 are very low power,
compact GNSS antennas covering the GPS L1,
frequency band. This antenna features an LNA
with constant performance from 2.7V to 5.5V
supply voltage, and includes protection against
close-proximity 700MHz LTE and L-band
transmitting antennas.
The TW4037/TW4039 provide a minimum
gain of 15dB and 12dB, respectively and
excellent noise figure. The TW4037/TW4039
patch has 40% wider bandwidth for better axial
ratio and has 15 KV ESD circuit protection. The
LNA has a +/- 10MHz bandwidth that covers
the full GPS L1 signal plus the SBAS (WAAS
/EGNOS/MSAS) frequency band (1572.5 to
1578 MHz).
The TW4039 variant provides a “Brick-Wall”
pre-filter to protect against saturation by high
level sub-harmonics and L-Band signals.
It is housed in a compact IP67 magnetic mount
enclosure.


同様の部品番号 - TW4037

メーカー部品番号データシート部品情報
logo
Tallysman Wireless Inc.
TW4039B TALLYSMAN-TW4039B Datasheet
185Kb / 2P
   TW4039B Low Gain GPS Antenna
More results

同様の説明 - TW4037

メーカー部品番号データシート部品情報
logo
Tallysman Wireless Inc.
TW4039B TALLYSMAN-TW4039B Datasheet
185Kb / 2P
   TW4039B Low Gain GPS Antenna
logo
World Produts Inc.
WPANT67001-R1A WPI-WPANT67001-R1A Datasheet
84Kb / 2P
   High Gain GPS Body-mount Antenna
WPANT67002-R1A WPI-WPANT67002-R1A Datasheet
73Kb / 2P
   High Gain GPS Body-mount Antenna
logo
Tallysman Wireless Inc.
TW1430 TALLYSMAN-TW1430 Datasheet
231Kb / 2P
   High Gain Compact Embedded GPS/GLONASS Antenna
logo
PCTEL, Inc.
3978D-HR-DH-W PCTEL-3978D-HR-DH-W Datasheet
196Kb / 1P
   High Gain & High Rejection Permanent Mount GPS Antenna
logo
Tallysman Wireless Inc.
TW1027 TALLYSMAN-TW1027 Datasheet
356Kb / 2P
   Low Current Embedded GPS Antenna
logo
Mitsumi Electronics, Co...
GPA-CG2C5 MITSUMI-GPA-CG2C5 Datasheet
59Kb / 2P
   GPS Antenna
logo
Raltron Electronics Cor...
RPA-GP-866.5-P-25-G RALTRON-RPA-GP-866.5-P-25-G Datasheet
177Kb / 2P
   GPS ANTENNA
RPA-GP-1575-A-Y RALTRON-RPA-GP-1575-A-Y Datasheet
119Kb / 1P
   GPS ANTENNA
RST-GP-A-27-SMA-Y RALTRON-RST-GP-A-27-SMA-Y Datasheet
117Kb / 1P
   GPS ANTENNA
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com