| データシートサーチシステム |
|
ST92195D7 データシート(PDF) 147 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92195D7 データシート(HTML) 147 Page - STMicroelectronics |
|
147 / 249 page ![]() 147/249 ST92195C/D - TELETEXT SLICER AND ACQUISITION UNIT 7.7 TELETEXT SLICER AND ACQUISITION UNIT 7.7.1 Introduction The Teletext Slicer processes the incoming Com- posite Video signal (CVBS1 pin) to extract Teletext data. The Acquisition Unit filters the data flow from the slicer and transfers valid line data to the acquisi- tion buffer where it is read by the TDSRAM inter- face. A Hamming decoding function is available for checking or correcting data after storage. The Acquisition unit also provides a Teletext signal quality measure function to evaluate the quality of the Teletext data reception by testing the HSYNC pulses or the Hamming error numbers during the VBI. 7.7.2 Main Features s Hardware framing code check s Hardware & software data prefiltering per magazine s Real time hardware Hamming 8/4 check on incoming data s Raw data storage of packets in physical order s Fully programmable storage address s 2 acquisition paths for magazine pages and service packets s Asynchronization between deflection and CVBS Syncs. s CVBS signal quality measure through a "Bad TV line" counter s Hamming 24/18 or 8/4 one-shot decoding. Figure 87. Acquisition & Slicing Unit Block Diagram n TTD TTC FRWND CVBS1 FROM TIMING CONTROLLER Hcvbs FROM/TO SYNC EXTRACTOR + - Slicing Level Control Run-in Clock Detector TXTSW TXTESW Bit Clock Extractor Teletext Slicer Clock DAC Data Extractor Sequencer TXTGC0 TXTGC1 VR02109C ACQUISITION UNIT |