データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STR-W6756 データシート(PDF) 3 Page - Allegro MicroSystems

部品番号 STR-W6756
部品情報  Universal-Input/140 W Off-Line Quasi-Resonant Flyback Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-W6756 データシート(HTML) 3 Page - Allegro MicroSystems

  STR-W6756 Datasheet HTML 1Page - Allegro MicroSystems STR-W6756 Datasheet HTML 2Page - Allegro MicroSystems STR-W6756 Datasheet HTML 3Page - Allegro MicroSystems STR-W6756 Datasheet HTML 4Page - Allegro MicroSystems STR-W6756 Datasheet HTML 5Page - Allegro MicroSystems STR-W6756 Datasheet HTML 6Page - Allegro MicroSystems STR-W6756 Datasheet HTML 7Page - Allegro MicroSystems STR-W6756 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STR-W6756
Universal-Input/140 W Off-Line Quasi-
Resonant Flyback Switching Regulator
www.allegromicro.com
3
Switching
Regulators
ELECTRICAL CHARACTERISTICS at TA = +25°C, VCC = 20 V, voltage measurements are referenced to S/GND terminal
(unless otherwise specified).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Start-Up Operation
Operation Start Voltage
VCC(ON)
Turn-on, VCC = 0
19.9 V
16.3
18.2
19.9
V
Soft-Start Operation Stop Voltage
VSS/OLP
1.1
1.2
1.4
V
Soft-Start Oper. Charging Current
ISS/OLP
-390
-550
-710
µA
Operation Stop Voltage
VCC(OFF)
Turn-off, VCC = 19.9
8.8 V
8.8
9.7
10.6
V
Circuit Current in Non-Operation
ICC(OFF)
VCC = 15 V
100
µA
Normal Operation
Drain-Source Breakdown Voltage
V(BR)DSS
ID = 300 µA
650
V
Drain Leakage Current
IDSS
VDS = 650 V
300
µA
On-State Resistance
rDS(on)
ID = 2.2 A, TJ = +25°C
0.73
Switching Time
t f
400
ns
Circuit Current
ICC(ON)
6.0
mA
Oscillation Frequency
fosc
19
22
25
kHz
Bottom-Skip Oper. Threshold Volt.
VOCPBD(BS1)
-605
-665
-720
mV
VOCPBD(BS2)
-385
-435
-485
mV
Quasi-Resonant Oper. Threshold
VOCPBD(TH1)
280
400
520
mV
VOCPBD(TH2)
670
800
930
mV
Feedback-Pin Threshold Voltage
VFB(OFF)
1.32
1.45
1.58
V
Feedback-Pin Current
IFB(ON)
600
1000
1400
µA
Standby Operation
Standby Operation Start Voltage
VCC(S)
VCC = 0
12.2 V
10.3
11.1
12.1
V
Standby Oper. Start Volt. Interval
VCC
1.10
1.35
1.65
V
Standby Non-Operation Current
ICC(S)
VCC = 10.2 V
20
56
µA
Feedback-Pin Current
IFB(ON)
VCC = 10.2 V
4.0
14
µA
Feedback-Pin Threshold Voltage
VFB(S)
VCC = 12.2 V
0.55
1.10
1.50
V
Minimum ON Time
ton(min)
0.5
0.8
1.2
µs
continued next page ...


同様の部品番号 - STR-W6756

メーカー部品番号データシート部品情報
logo
Sanken electric
STR-W6756 SANKEN-STR-W6756 Datasheet
91Kb / 2P
Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-W6756 SANKEN-STR-W6756 Datasheet
177Kb / 8P
Quasi-Resonant Topology Primary Switching Regulators
STR-W6756N SANKEN-STR-W6756N Datasheet
91Kb / 2P
Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
More results

同様の説明 - STR-W6756

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
STR-F6600 ALLEGRO-STR-F6600 Datasheet
281Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
STR-G6651 ALLEGRO-STR-G6651 Datasheet
175Kb / 8P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
STRF6626 ALLEGRO-STRF6626 Datasheet
281Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STRF6676 ALLEGRO-STRF6676 Datasheet
282Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STR-W6753 ALLEGRO-STR-W6753 Datasheet
196Kb / 8P
Universal-Input/58 W Off-Line Quasi-Resonant Flyback Switching Regulator
STR-W6754 ALLEGRO-STR-W6754 Datasheet
195Kb / 8P
Universal-Input/100 W Off-Line Quasi-Resonant Flyback Switching Regulator
logo
AUK corp
SQ6601PT AUK-SQ6601PT Datasheet
421Kb / 8P
Off-Line Quasi-Resonance Flyback Switching Regulator
logo
Allegro MicroSystems
STR-Y6735 ALLEGRO-STR-Y6735 Datasheet
329Kb / 10P
Off-Line Quasi-Resonant Switching Regulator
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
STR-Y6735 SANKEN-STR-Y6735 Datasheet
254Kb / 10P
Off-Line Quasi-Resonant Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com