| データシートサーチシステム |
|
STM32MP153F データシート(PDF) 120 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP153F データシート(HTML) 120 Page - STMicroelectronics |
|
120 / 254 page ![]() Electrical characteristics STM32MP153C/F 120/254 DS12503 Rev 3 6.1.6 Power supply scheme Figure 11. Power supply scheme Caution: Each power supply pair (VDD/VSS, VDDCORE/VSS, VDDA/VSSA ...) must be decoupled with filtering ceramic capacitors. These capacitors must be placed as close as possible to, or below, the appropriate pins on the underside of the PCB to ensure good operation of the device. It is not recommended to remove filtering capacitors to reduce PCB size or cost. This might cause incorrect operation of the device. MSv46560V3 BKUP IOs VDD domain Analog domain Core domain VSW domain (System logic, Peripherals) (MPU, peripherals, RAM) ADC, DAC (MCU, peripherals, RAM) Power switch VDDCORE VSS VBAT VDDA VREF+ VREF- VSSA Backup regulator VDD Backup RAM Power switch HSI, CSI, HSE, LSI, WKUP, IWDG IOs VSS VSS REF_BUF VSS IO logic VREF+ VSW LSE, RTC, AWU, Tamper, backup registers, Reset IO logic VBKP Retention RAM Retention regulator VRET 1V8 regulator VSS Backup domain Retention domain VDD IOs IO logic USB FS IOs VSS USB HS PHY VDD_PLL PLLs DDR PHY VSS 1V1 regulator VSS VSS_PLL VREF- IOports IOports IOports VDD (VDD_ANA) |