データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSNU-25-100-PPV-A データシート(PDF) 1 Page - Festo Corporation.

部品番号 DSNU-25-100-PPV-A
部品情報  ISO cylinder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FESTO [Festo Corporation.]
ホームページ  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

DSNU-25-100-PPV-A データシート(HTML) 1 Page - Festo Corporation.

  DSNU-25-100-PPV-A Datasheet HTML 1Page - Festo Corporation. DSNU-25-100-PPV-A Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO cylinder
DSNU-25-100-PPV-A
Part number: 19248
Data sheet
Feature
Value
Maritime classification
See certificate
Stroke
100 mm
Piston diameter
25 mm
Piston rod thread
M10x1.25
Type code
DSNU
Cushioning
Pneumatic cushioning, adjustable at both ends
Mounting position
Any
Conforms to standard
ISO 6432
CETOP RP 52 P
Piston rod end
External thread
Design
Piston rod
Piston
Cylinder barrel
Position sensing
For proximity sensor
Symbol
00991235
Variants
Piston rod at one end
Operating pressure
1 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
0.3 J
Cushioning length
17 mm
Theoretical force at 6 bar, retracting
247.4 N
Theoretical force at 6 bar, advancing
294.5 N
Moving mass at 0 mm stroke
71 g
Additional weight per 10 mm stroke
11 g
Basic weight with 0 mm stroke
238 g
Additional moving mass per 10 mm stroke
6 g
Type of mounting
With accessories
Pneumatic connection
G1/8
Note on materials
RoHS-compliant
Cover material
Plain anodized
Wrought aluminum alloy
Seals material
TPE-U(PU)
NBR
3/29/20 - Subject to change - Festo AG & Co. KG
1/2


同様の部品番号 - DSNU-25-100-PPV-A

メーカー部品番号データシート部品情報
logo
Festo Corporation.
DSNU-25-100-PPS-A FESTO-DSNU-25-100-PPS-A Datasheet
84Kb / 2P
   ISO cylinder
More results

同様の説明 - DSNU-25-100-PPV-A

メーカー部品番号データシート部品情報
logo
Festo Corporation.
DSNU-16-80-PPV-A FESTO-DSNU-16-80-PPV-A Datasheet
42Kb / 2P
   ISO cylinder
DSNU-20-25-PPS-A FESTO-DSNU-20-25-PPS-A Datasheet
46Kb / 2P
   ISO cylinder
DSNU-20-150-P-A FESTO-DSNU-20-150-P-A Datasheet
39Kb / 2P
   ISO cylinder
DSNU-20-70-P-A FESTO-DSNU-20-70-P-A Datasheet
84Kb / 2P
   ISO cylinder
DSNU-25-25-P-A FESTO-DSNU-25-25-P-A Datasheet
88Kb / 2P
   ISO cylinder
DSNU-25-25-PPV-A FESTO-DSNU-25-25-PPV-A Datasheet
90Kb / 2P
   ISO cylinder
DSNU-25-30-P-A FESTO-DSNU-25-30-P-A Datasheet
88Kb / 2P
   ISO cylinder
DSNU-20-30-P-A FESTO-DSNU-20-30-P-A Datasheet
87Kb / 2P
   ISO cylinder
DSNU-25-150-PPV-A FESTO-DSNU-25-150-PPV-A Datasheet
84Kb / 2P
   ISO cylinder
DSNU-8-100-P-A FESTO-DSNU-8-100-P-A Datasheet
79Kb / 2P
   ISO cylinder
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com