データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

254001 データシート(PDF) 1 Page - Littelfuse

部品番号 254001
部品情報  Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

254001 データシート(HTML) 1 Page - Littelfuse

  254001 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For NANO
Surface Mount Fuses
.35"
REF.
.50"
REF.
.81"
REF.
.04"
REF.
.19"
REF.
.730"
±.005"
.050"
.055"
DIA. HOLES
(2 LOCATIONS)
Recommended Hole Pattern
1.22"
REF.
.70"
REF.
.24" REF.
.53"
REF.
.016"
REF.
45
B
.450"
centers typ.
.70" typ.
.190" x .187" deep
C bore with .050"
material remaining
.090" REF. DIA. Thru
Solder type terminals
feature elongated
hole on clip
With 2AG
fuse installed
.35" typ.
.110" typ.
.50" typ.
Solder & Q.C. Types:
®
®
This low profile Omni-Blok® Fuse Block design is available with a
choice of solder type terminals, Q.C. terminals or P.C. board mountable
terminals. The PCB design is offered with either tin-plated brass termi-
nals for normal applications or tin-plated beryllium copper terminals for
use in caustic environments. These fuse blocks feature individual barriers
which reinforce the fuse clips while providing greater protection against
clip damage and electrical shock. The unique design permits self-
alignment of clips to fuse cap. This, plus a one-piece clip/terminal
assures low contact resistance. Multiple pole units may be broken
apart to obtain desired number of poles.
APPROVALS: Recognized under the Components Program of
Underwriters Laboratories and Certified by CSA.
SPECIFICATIONS:
Electrical: Solder Type
— 10A, 300V.
Q.C. Type
— 10A, 300V.
PCB Type
— 10A, 300V.
Dielectric Strength: 1500V., Minimum.
Clip/Terminals: Tin-Plated Spring Brass, except pn 254121 is
Tin-Plated Beryllium Copper.
Base: Black Thermoplastic, glass reinforced with UL 94V0
flammability rating.
Ambient Temperature: – 40°C to +85°C.
OPTIONS:
1. Other colors available on special order. Contact factory.
2. Two different style clips can be supplied for circuit identity or
polarization. Contact factory.
PATENTED
ORDERING INFORMATION:
P.C. Board Mount Type:
Catalog Number
Typical
Solder Type
Number
Overall
Clip/
Terminals
of Poles
Width (B)
Terminals
254 001
1
0.35"
Brass
254 002
2
0.80"
Brass
254 003
3
1.25"
Brass
254 004
4
1.70"
Brass
254 005
5
2.15"
Brass
254 006
6
2.60"
Brass
254 007
7
3.05"
Brass
254 008
8
3.50"
Brass
Typical
NEMA Style
Number
Overall
Clip/
.110" Q.C. Terminals
of Poles
Width (B)
Terminals
254 201
1
0.35"
Brass
254 202
2
0.80"
Brass
254 203
3
1.25"
Brass
254 204
4
1.70"
Brass
254 205
5
2.15"
Brass
254 206
6
2.60"
Brass
254 207
7
3.05"
Brass
254 208
8
3.50"
Brass
Typical
P.C.
Number
Overall
Clip/
Board Mount
of Poles
Width (B)
Terminals
254 101
1
0.35"
Brass
254 121
1
0.35"
Beryllium Copper
OMNI-BLOK
® Fuse Block Molded Base Type
Fuse Blocks and Clips
348
www .littelfuse .com
Next
Previous


同様の部品番号 - 254001

メーカー部品番号データシート部品情報
logo
Weidmuller
2540000000 WEIDMULLER-2540000000 Datasheet
127Kb / 2P
A-series
05 May 2020 07:00:42
logo
ERNI Electronics
254006 ERNI-254006 Datasheet
634Kb / 1P
FEDERLEISTE E 160 EE
logo
Ashcroft, Inc.
25400GH02T ASHCROFT-25400GH02T Datasheet
545Kb / 4P
400/500 Threaded All-Welded Diaphragm Seal
RevH_06-28-21
25400GH04T ASHCROFT-25400GH04T Datasheet
545Kb / 4P
400/500 Threaded All-Welded Diaphragm Seal
RevH_06-28-21
25400GJ02T ASHCROFT-25400GJ02T Datasheet
545Kb / 4P
400/500 Threaded All-Welded Diaphragm Seal
RevH_06-28-21
More results

同様の説明 - 254001

メーカー部品番号データシート部品情報
logo
Littelfuse
354 LITTELFUSE-354 Datasheet
100Kb / 1P
Fuse Blocks and Clips - For 3AG Fuses
01110005MR LITTELFUSE-01110005MR Datasheet
136Kb / 1P
Fuse Blocks and Clips
102071 LITTELFUSE-102071 Datasheet
530Kb / 3P
Fuse Blocks and Clips - For 1/4 Diameter Fuses
356001 LITTELFUSE-356001 Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
L60030M-1C LITTELFUSE-L60030M-1C Datasheet
122Kb / 1P
Fuse Blocks and Clips - For 1 1/2 Long Midget Fuses
3AG LITTELFUSE-3AG_1 Datasheet
661Kb / 4P
Fuse Blocks and Clips Screw Terminal
354000 LITTELFUSE-354000 Datasheet
99Kb / 1P
Fuse Blocks and Clips
154062 LITTELFUSE-154062 Datasheet
153Kb / 1P
FUSE BLOCKS AND CLIPS
01000058Z LITTELFUSE-01000058Z Datasheet
303Kb / 4P
Fuse Blocks and Clips
354001-GY LITTELFUSE-354001-GY Datasheet
703Kb / 1P
Fuse Blocks and Clips
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com