データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1704520 データシート(PDF) 1 Page - PHOENIX CONTACT

部品番号 1704520
部品情報  PCB connector - PT 1,5/ 3-PH-5,0 BK
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1704520 データシート(HTML) 1 Page - PHOENIX CONTACT

  1704520 Datasheet HTML 1Page - PHOENIX CONTACT 1704520 Datasheet HTML 2Page - PHOENIX CONTACT 1704520 Datasheet HTML 3Page - PHOENIX CONTACT 1704520 Datasheet HTML 4Page - PHOENIX CONTACT 1704520 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/1704520
04/01/2020   Page 1 / 5
PCB connector - PT 1,5/ 3-PH-5,0 BK - 1704520
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB connector, nominal current: 10 A, rated voltage (III/2): 400 V, nominal cross section: 1.5 mm², number
of positions: 3, pitch: 5 mm, connection method: Screw connection with tension sleeve, color: black, contact
surface: Tin
The figure shows a 10-position
version of the product
Your advantages
 Well-known connection principle allows worldwide use
 Low temperature rise, thanks to maximum contact force
 High terminal block capacity thanks to rectangular terminal block space
Key Commercial Data
Packing unit
250 pc
Minimum order quantity
250 pc
GTIN
GTIN
4046356726122
Technical data
Item properties
Brief article description
PCB connector
Plug-in system
COMBICON COMPACT PST 1,3
Type of contact
Female connector
Range of articles
PT 1,5/..-PH
Pitch
5 mm
Number of positions
3
Connection method
Screw connection with tension sleeve
Drive form screw head
Philipps recess with slotted Torx (H1L)
Locking
without
Number of levels
1
Number of connections
3


同様の部品番号 - 1704520

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1704521 PHOENIX-1704521 Datasheet
44Kb / 1P
PST 1,3/ 6-LV-5,0
More results

同様の説明 - 1704520

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1755596 PHOENIX-1755596 Datasheet
97Kb / 4P
PT 1,5/ 3-PH-5,0
1755745 PHOENIX-1755745 Datasheet
97Kb / 4P
PT 1,5/ 3-PH-5,0 CLIP
1755693 PHOENIX-1755693 Datasheet
97Kb / 4P
PT 1,5/13-PH-5,0
1755648 PHOENIX-1755648 Datasheet
97Kb / 4P
PT 1,5/ 8-PH-5,0
1755664 PHOENIX-1755664 Datasheet
96Kb / 4P
PT 1,5/10-PH-5,0
1755729 PHOENIX-1755729 Datasheet
97Kb / 4P
PT 1,5/16-PH-5,0
1755703 PHOENIX-1755703 Datasheet
97Kb / 4P
PT 1,5/14-PH-5,0
1755622 PHOENIX-1755622 Datasheet
97Kb / 4P
PT 1,5/ 6-PH-5,0
1755635 PHOENIX-1755635 Datasheet
97Kb / 4P
PT 1,5/ 7-PH-5,0
1755583 PHOENIX-1755583 Datasheet
125Kb / 4P
PT 1,5/ 2-PH-5,0
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com