データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S1ABF-PJ データシート(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

部品番号 S1ABF-PJ
部品情報  GENERAL PURPOSE SILICON RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
ホームページ  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

S1ABF-PJ データシート(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  S1ABF-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, S1ABF-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, S1ABF-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S1ABF
-PJ thru S1MBF-PJ
GENERAL PURPOSE SILICON RECTIFIERS
Case: SMBF molded plastic body
Terminals: Solderable per MIL-STD-750
,Method 2026
Weight: Approximated 0.057 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derating by 20 %.
PARAMETER
SYMBOL
S1ABF
-PJ S1BBF-PJ S1DBF-PJ S1GBF-PJ S1JBF-PJ S1KBF-PJ S1MBF-PJ UNIT
Maximum Repetitive Peak Reverse
Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current at TC=125℃
IF(AV)
1
A
Peak Forward Surge Current (Note1)
IFSM
30
A
Maximum Forward Voltage at 1.0 A
VF
1.1
V
Maximum DC Reverse Current at
Rated DC Blocking Voltage at TA=25℃
TA=125℃
IR
5
50
uA
Typical Junction Capacitance (Note2)
CJ
15
pF
Typical Thermal Resistance (Note3)
RθJA
75
/W
Operating and Storage Temperature
Range
TJ,TSTG
-55 to +150
Notes: 1. Measured at 8.3 ms single half sine wave superimposed on rated load (JEDEC Method).
2. Measured at 1MHz and applied reverse voltage of 4V D.C.
3. P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
FEATURES
For surface mount applications
Glass passivated chip junction
Low profile package
Easy to pick and place
Lead free in comply with EU RoHS2011/65/EU directives
MECHANICAL DATA
1
2
PIN
NING
PIN
DESCRIPTION
1
Cathode
2
Anode
Top View
Marking Code: S1AB-S1MB
Simplified outline SMBF and symbol
1 / 3
www.pingjingsemi.com
Revision:1.0 Oct-2017


同様の部品番号 - S1ABF-PJ

メーカー部品番号データシート部品情報
logo
DONGGUAN YOU FENG WEI E...
S1ABF-SMBF YFWDIODE-S1ABF-SMBF Datasheet
417Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results

同様の説明 - S1ABF-PJ

メーカー部品番号データシート部品情報
logo
Comchip Technology
A1N4007G-G COMCHIP-A1N4007G-G Datasheet
81Kb / 3P
General Purpose Silicon Rectifiers
1N4001-G COMCHIP-1N4001-G_12 Datasheet
61Kb / 2P
General Purpose Silicon Rectifiers
logo
Semtech Corporation
1N4245 SEMTECH-1N4245 Datasheet
87Kb / 2P
General Purpose Silicon Rectifiers
logo
Comchip Technology
1N4007T-G COMCHIP-1N4007T-G Datasheet
61Kb / 2P
General Purpose Silicon Rectifiers
6A005-G COMCHIP-6A005-G Datasheet
66Kb / 3P
General Purpose Silicon Rectifiers
A1N5404G-G COMCHIP-A1N5404G-G Datasheet
85Kb / 4P
General Purpose Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
1N5391S SEMTECH_ELEC-1N5391S Datasheet
178Kb / 2P
GENERAL PURPOSE PLASTIC SILICON RECTIFIERS
logo
Central Semiconductor C...
CMMR1-02 CENTRAL-CMMR1-02_15 Datasheet
281Kb / 2P
SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
CMR3-10 CENTRAL-CMR3-10_15 Datasheet
338Kb / 2P
SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
S1A-1DSMA YFWDIODE-S1A-1DSMA Datasheet
522Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com