データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HPERC-KBL-MH データシート(PDF) 2 Page - Adlink Technology Inc.

部品番号 HPERC-KBL-MH
部品情報  Rugged Convection Cooled System
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ADLINK [Adlink Technology Inc.]
ホームページ  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

HPERC-KBL-MH データシート(HTML) 2 Page - Adlink Technology Inc.

  HPERC-KBL-MH Datasheet HTML 1Page - Adlink Technology Inc. HPERC-KBL-MH Datasheet HTML 2Page - Adlink Technology Inc. HPERC-KBL-MH Datasheet HTML 3Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Certifications & Standards
Immersion
IEC60529, IP-67
Salt Spray
RTCA/DO-160G, Section 14, Category S
Altitude
0 to 50,000 ft.
Relative Humidity
95% at +60°C non-condensing
Shock
MIL-STD-810G - 516.6 Procedures I and V
Vibration
MIL-STD-810G - 514.6 Procedure I
Categories 4, 9, 11, 21
EMI/EMC
MIL-STD-461F
Power
MIL-STD-704F & MIL-STD-1275E
Operating Temp.
MIL-STD-810G - 501.5 Procedure II
MIL-STD-810G - 502.5, Procedure 1 and 2
Mechanical
Form Factor
VITA-75.21 Finned Passive Convection
Dimension
304.8 (L) x 150 (W) x 130 (H) mm (with mounting brackets)
Weight
5.54 kg
I/O Connectors
MIL-DTL-38999 (uniquely-keyed)
Operating System
OS
Windows® 10 (64-bit)
RHEL 7.3
(Please contact ADLINK for other OS support)
Functional Diagram
Intel®
CM238
PCH
Intel®
Xeon® E3
16 GB
DDR4 RAM
with ECC
SDHC
SSD
SSD
PCI/104
Express
Mini PCIe
SATA
6 GB/s
PCIe x16
Gen3
VGA
4x Gigabit Ethernet
6x USB 2.0
7x RS-232/422
PCIe x4
PCIe x1
User I/O
User I/O
MIL-STD-704/
MIL-STD-1275
PSU
NVIDIA
Quadro P1000
MXM
8x Digital I/O
Stereo Audio I/O
18-36V DC


同様の部品番号 - HPERC-KBL-MH

メーカー部品番号データシート部品情報
logo
Adlink Technology Inc.
HPERC-KBL-MC ADLINK-HPERC-KBL-MC Datasheet
486Kb / 3P
   Extreme Rugged Cold Plate Mount System and MIL-DTL-38999 Connectors
More results

同様の説明 - HPERC-KBL-MH

メーカー部品番号データシート部品情報
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
   Convection Cooled
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
   convection-cooled rectifier
logo
XP Power Limited
GCS150 XPPOWER-GCS150 Datasheet
370Kb / 4P
   Convection/Forcedcooled Ratings
ECP150 XPPOWER-ECP150 Datasheet
1Mb / 9P
   100W Convection Cooled Rating
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
ECP180 XPPOWER-ECP180 Datasheet
1Mb / 9P
   120W Convection-cooled Rating
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
ECS130 XPPOWER-ECS130 Datasheet
1Mb / 9P
   Convection & Forced Cooled Ratings
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
JPS XPPOWER-JPS Datasheet
167Kb / 2P
   100 W Convection-cooled
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com