データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HPERC-KBL-MH データシート(PDF) 3 Page - Adlink Technology Inc.

部品番号 HPERC-KBL-MH
部品情報  Rugged Convection Cooled System
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ADLINK [Adlink Technology Inc.]
ホームページ  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

HPERC-KBL-MH データシート(HTML) 3 Page - Adlink Technology Inc.

  HPERC-KBL-MH Datasheet HTML 1Page - Adlink Technology Inc. HPERC-KBL-MH Datasheet HTML 2Page - Adlink Technology Inc. HPERC-KBL-MH Datasheet HTML 3Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Information
HPERC-KBLMH-100XN
Finned-convection, Intel® Xeon® E3-1505M v6, 16GB RAM
HPERC Accessories
HPERC-X-03
HPERC breakout cable kit including Amphenol MIL-STD Nkey &
Akey (I/O cables), and AC adapter
GPU MXM module
MXM NVIDIA Quadro P1000 GPU card, with 4GB GDDR5 memory
(must be pre-assembled at ADLINK factory)
Mechanical Drawing
203.20
304.80
50.80
50.80
150
5.85
14.63
www.adlinktech.com
All products and company name listed are trademarks or trade names of their respective companies.
*Updated Feb. 26, 2020. ©2020 ADLINK Technology, Inc. All Rights Reserved.
All specifications are subject to change without further notice.
(Units: mm)


同様の部品番号 - HPERC-KBL-MH

メーカー部品番号データシート部品情報
logo
Adlink Technology Inc.
HPERC-KBL-MC ADLINK-HPERC-KBL-MC Datasheet
486Kb / 3P
Extreme Rugged Cold Plate Mount System and MIL-DTL-38999 Connectors
More results

同様の説明 - HPERC-KBL-MH

メーカー部品番号データシート部品情報
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
Convection Cooled
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
convection-cooled rectifier
logo
XP Power Limited
GCS150 XPPOWER-GCS150 Datasheet
370Kb / 4P
Convection/Forcedcooled Ratings
ECP150 XPPOWER-ECP150 Datasheet
1Mb / 9P
100W Convection Cooled Rating
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
250 W Convection Cooled
ECP180 XPPOWER-ECP180 Datasheet
1Mb / 9P
120W Convection-cooled Rating
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
250 W Convection Cooled
ECS130 XPPOWER-ECS130 Datasheet
1Mb / 9P
Convection & Forced Cooled Ratings
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
250 W Convection-cooled
JPS XPPOWER-JPS Datasheet
167Kb / 2P
100 W Convection-cooled
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com