データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1825491 データシート(PDF) 3 Page - PHOENIX CONTACT

部品番号 1825491
部品情報  IC 2,5/20-STF-5,08
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1825491 データシート(HTML) 3 Page - PHOENIX CONTACT

  1825491 Datasheet HTML 1Page - PHOENIX CONTACT 1825491 Datasheet HTML 2Page - PHOENIX CONTACT 1825491 Datasheet HTML 3Page - PHOENIX CONTACT 1825491 Datasheet HTML 4Page - PHOENIX CONTACT 1825491 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IC 2,5/20-STF-5,08 Order No.: 1825491
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1825491
PHOENIX CONTACT Inc., USA
Page 3 / 5
http://www.phoenixcon.com
Feb 7, 2011
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
1 mm²
2 conductors with same cross section, stranded
min.
0.2 mm²
2 conductors with same cross section, stranded
max.
1.5 mm²
2 conductors with same cross section, stranded,
ferrules without plastic sleeve, min.
0.25 mm²
2 conductors with same cross section, stranded,
ferrules without plastic sleeve, max.
1 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, max.
1.5 mm²
Minimum AWG according to UL/CUL
30
Maximum AWG according to UL/CUL
12
Certificates / Approvals
Certification
CB, CSA, CUL, GOST, UL, VDE-PZI
Accessories
Item
Designation
Description
Assembly
1755477
MSTB-BL
Keying cap, for forming sections, plugs onto header pin, green
insulating material
General
1733169
EBP 2- 5
Insertion bridge, fully insulated, for plug connectors with 5.0 or
5.08 mm pitch, no. of positions: 2
1803934
KGG-MSTB 2,5/ 2
Cable housing, Pitch: 0 mm, Number of positions: 2, Dimension a:
10 mm, Color: green
1783779
KGS-MSTB 2,5/ 8
Cable housing, Pitch: 0 mm, Number of positions: 8, Dimension a:
40 mm, Color: green


同様の部品番号 - 1825491

メーカー部品番号データシート部品情報
logo
C&D Technologies
18254 CANDD-18254 Datasheet
54Kb / 2P
Axial Lead Inductors
logo
PHOENIX CONTACT
1825404 PHOENIX-1825404 Datasheet
86Kb / 5P
Printed-circuit board connector - IC 2,5/11-STF-5,08
1825417 PHOENIX-1825417 Datasheet
106Kb / 7P
Printed-circuit board connector - IC 2,5/12-STF-5,08
1825417 PHOENIX-1825417 Datasheet
148Kb / 5P
IC 2,5/12-GF-5,08
1825420 PHOENIX-1825420 Datasheet
644Kb / 16P
IC 2,5/13-STF-5,08 - PCB connector
More results

同様の説明 - 1825491

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1778166 PHOENIX-1778166 Datasheet
124Kb / 9P
Plug - MSTB 2,5/20-STF-5,08
1825378 PHOENIX-1825378 Datasheet
141Kb / 6P
IC 2,5/ 8-STF-5,08
1707913 PHOENIX-1707913 Datasheet
148Kb / 8P
Plug - FKC 2,5/20-STF-5,08
1825682 PHOENIX-1825682 Datasheet
140Kb / 6P
IC 2,5/20-STGF-5,08
1941647 PHOENIX-1941647 Datasheet
96Kb / 2P
IC 2,5/12-STF-5,08(1,3,5,7-12)
1825349 PHOENIX-1825349 Datasheet
713Kb / 16P
PCB connector - IC 2,5/ 5-STF-5,08
Jan 10, 2023
1861645 PHOENIX-1861645 Datasheet
397Kb / 13P
PCB connector - FKCOR 2,5/20-STF-5,08
Jan 4, 2023
1860950 PHOENIX-1860950 Datasheet
390Kb / 13P
FKCOW 2,5/20-STF-5,08 - PCB connector
1825381 PHOENIX-1825381 Datasheet
618Kb / 15P
IC 2,5/ 9-STF-5,08 - PCB connector
1825420 PHOENIX-1825420 Datasheet
644Kb / 16P
IC 2,5/13-STF-5,08 - PCB connector
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com