データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

J250SS データシート(PDF) 2 Page - Schneider Electric

部品番号 J250SS
部品情報  TYPE 4X 150 to 250A MOULDED CASE CIRCUIT BREAKER ENCLOSURE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

J250SS データシート(HTML) 2 Page - Schneider Electric

  J250SS Datasheet HTML 1Page - Schneider Electric J250SS Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEMA 3
NEMA 3R
NEMA 4
Ordering and shipping details
Category
00031 - IND CB ENC N 4,4X,5,12,12K
Discount Schedule
DE1
GTIN
00785901101734
Package weight(Lbs)
36.01 lb(US) (16.33 kg)
Returnability
Yes
Country of origin
MX
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which
is known to the State of California to cause cancer and birth defects or other reproductive harm. For
more information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Pro-active China RoHS declaration (out of China RoHS legal scope)
Environmental Disclosure
Product Environmental Profile
PVC free
Yes
Halogen content performance
Halogen free plastic parts product
Contractual warranty
Warranty
18 months
2


同様の部品番号 - J250SS

メーカー部品番号データシート部品情報
logo
Texas Instruments
J25-Q1 TI1-J25-Q1 Datasheet
839Kb / 18P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
logo
Teledyne Technologies I...
J255 TELEDYNE-J255 Datasheet
1Mb / 3P
   MAGNETIC-LATCHING DPDT HALF-SIZE CRYSTAL CAN MILITARY RELAY
J255-12LG TELEDYNE-J255-12LG Datasheet
1Mb / 3P
   MAGNETIC-LATCHING DPDT HALF-SIZE CRYSTAL CAN MILITARY RELAY
J255-12LQ TELEDYNE-J255-12LQ Datasheet
1Mb / 3P
   MAGNETIC-LATCHING DPDT HALF-SIZE CRYSTAL CAN MILITARY RELAY
J255-12MG TELEDYNE-J255-12MG Datasheet
1Mb / 3P
   MAGNETIC-LATCHING DPDT HALF-SIZE CRYSTAL CAN MILITARY RELAY
More results

同様の説明 - J250SS

メーカー部品番号データシート部品情報
logo
Schneider Electric
M800SS SCHNEIDER-M800SS Datasheet
106Kb / 2P
   TYPE 4X 300 to 800A MOULDED CASE CIRCUIT BREAKER ENCLOSURE
L600AWK SCHNEIDER-L600AWK Datasheet
83Kb / 2P
   TYPE 12K 250 to 600A MOULDED CASE CIRCUIT BREAKER ENCLOSURE
L600AWKMC SCHNEIDER-L600AWKMC Datasheet
93Kb / 2P
   TYPE 12K 250 to 600A MOULDED CASE CIRCUIT BREAKER ENCLOSURE
PDC6JD4 SCHNEIDER-PDC6JD4 Datasheet
83Kb / 2P
   150 to 250A JD,JG,JJ,JL MOULDED CASE CIRCUIT BREAKER POWER DISTRIBUTION CONNECTO
L600AWKVW SCHNEIDER-L600AWKVW Datasheet
87Kb / 2P
   TYPE 12K 250 to 600A MOULDED CASE CIRCUIT BREAKER ENCLOSURE WITH VIEWING WONDOW
PDC3KA20 SCHNEIDER-PDC3KA20 Datasheet
132Kb / 2P
   250A KAL/KHL MOULDED CASE CIRCUIT BREAKER POWER DISTRIBUTION CONNECTOR
PDC3JD20 SCHNEIDER-PDC3JD20 Datasheet
79Kb / 2P
   150 to 250A JD,JG,JJ,JL MOULDED CASE CIRC BREAKER POWER DISTRIBUTION CONNECTOR
PGL36025CU43A SCHNEIDER-PGL36025CU43A Datasheet
141Kb / 2P
   MOLDED CASE CIRCUIT BREAKER 600V 250A
PGF36025U44A SCHNEIDER-PGF36025U44A Datasheet
161Kb / 1P
   Molded Case Circuit Breaker 600V 250A
PGL36025U33AMO SCHNEIDER-PGL36025U33AMO Datasheet
141Kb / 2P
   MOLDED CASE CIRCUIT BREAKER 600V 250A
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com