データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AGLP060 データシート(PDF) 112 Page - Actel Corporation

部品番号 AGLP060
部品情報  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTEL [Actel Corporation]
ホームページ  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP060 データシート(HTML) 112 Page - Actel Corporation

Back Button AGLP060 Datasheet HTML 108Page - Actel Corporation AGLP060 Datasheet HTML 109Page - Actel Corporation AGLP060 Datasheet HTML 110Page - Actel Corporation AGLP060 Datasheet HTML 111Page - Actel Corporation AGLP060 Datasheet HTML 112Page - Actel Corporation AGLP060 Datasheet HTML 113Page - Actel Corporation AGLP060 Datasheet HTML 114Page - Actel Corporation AGLP060 Datasheet HTML 115Page - Actel Corporation AGLP060 Datasheet HTML 116Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 128 page
background image
Package Pin Assignments
3- 18
R e v i sio n 1 1
G10
GND
G11
GND
G12
IO40RSB1
G13
NC
G14
IO39RSB1
G15
IO44RSB1
G16
NC
G17
GND
H1
NC
H2
GEC0/IO108RSB3
H3
NC
H4
IO112RSB3
H5
NC
H6
IO109RSB3
H7
GND
H8
GND
H9
GND
H10
GND
H11
GND
H12
NC
H13
NC
H14
IO45RSB1
H15
VCCIB1
H16
GDB0/IO48RSB1
H17
IO42RSB1
J1
NC
J2
GEA0/IO107RSB3
J3
VCCIB3
J4
IO105RSB3
J5
NC
J6
NC
J7
VCC
J8
GND
J9
GND
J10
GND
J11
VCC
J12
IO50RSB1
289-Pin CSP
Pin Number
AGLP030
Function
J13
IO43RSB1
J14
IO51RSB1
J15
IO52RSB1
J16
GDC0/IO46RSB1
J17
GDA0/IO47RSB1
K1
GND
K2
GEB0/IO106RSB3
K3
IO102RSB3
K4
IO104RSB3
K5
IO99RSB3
K6
NC
K7
GND
K8
GND
K9
GND
K10
GND
K11
GND
K12
NC
K13
NC
K14
NC
K15
IO53RSB1
K16
GND
K17
IO49RSB1
L1
IO103RSB3
L2
IO101RSB3
L3
NC
L4
GND
L5
NC
L6
NC
L7
GND
L8
GND
L9
VCC
L10
GND
L11
GND
L12
IO58RSB1
L13
IO54RSB1
L14
VCCIB1
L15
NC
289-Pin CSP
Pin Number
AGLP030
Function
L16
NC
L17
NC
M1
NC
M2
VCCIB3
M3
IO100RSB3
M4
IO98RSB3
M5
IO93RSB3
M6
IO97RSB3
M7
NC
M8
NC
M9
IO71RSB2
M10
NC
M11
IO63RSB2
M12
NC
M13
IO57RSB1
M14
NC
M15
NC
M16
NC
M17
VCCIB1
N1
NC
N2
NC
N3
IO95RSB3
N4
IO96RSB3
N5
GND
N6
NC
N7
IO85RSB2
N8
IO79RSB2
N9
IO77RSB2
N10
VCCIB2
N11
NC
N12
NC
N13
IO59RSB2
N14
NC
N15
GND
N16
IO56RSB1
N17
IO55RSB1
P1
IO94RSB3
289-Pin CSP
Pin Number
AGLP030
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More