データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PMO-6022PN-48KDQ データシート(PDF) 1 Page - Mallory Sonalert Products Inc

部品番号 PMO-6022PN-48KDQ
部品情報  S/N Ration More than 58 dB
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MSPI [Mallory Sonalert Products Inc]
ホームページ  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

PMO-6022PN-48KDQ データシート(HTML) 1 Page - Mallory Sonalert Products Inc

  PMO-6022PN-48KDQ Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mallory Sonalert Products Inc.
Part #
PMO-6022PN-48KDQ
Sales Outline Drawing
Revision
A
4411 South High School Road, Indianapolis, Indiana 46241 USA ● Phone (317) 612-1000 ● Fax (317) 612-1010 ● http://www.mallory-sonalert.com
Specifications:
Sensitivity Range
-48 ± 2 dB RL = 2.2 k
 Vcc = 2.0v
(1 kHz 0 dB = 1 v/Pa)
Impedance
Max. 2.2k
 1 kHz (RL = 2.2 k)
Frequency
100 - 10000 Hz
Current Consumption
Max 0.5 mA
Operating Voltage Range
1.0 – 10 V
Max SPL (dB)
115 dB
S/N Ration
More than 58 dB
Sensitivity Reduction
2.0 –1.5V Variation less than 3 dB
Storage Condition
-40 ~ +70°C; R.H. < 90%
Operating Condition
-20 ~ +60°C; R.H. < 90%
Weight (g)
0.05
Options
For other options contact factory
Dimensions: (units: mm)
ROHS Compliant
Schematic Diagram:


同様の部品番号 - PMO-6022PN-48KDQ

メーカー部品番号データシート部品情報
logo
Mallory performance clu...
PMO-6022SN-42UQ MALLORY-PMO-6022SN-42UQ Datasheet
88Kb / 1P
   Sensitivity Range -42 짹 3 dB RL = 2.2 k?뾙cc = 2.0v (1 kHz 0 dB = 1 v/Pa)
logo
Mallory Sonalert Produc...
PMO-6022SN-42UQ MSPI-PMO-6022SN-42UQ Datasheet
88Kb / 1P
   Frequency 20 - 16000 Hz
More results

同様の説明 - PMO-6022PN-48KDQ

メーカー部品番号データシート部品情報
logo
Mallory Sonalert Produc...
PMO-4530PN-47UQ MSPI-PMO-4530PN-47UQ Datasheet
107Kb / 1P
   S/N Ration More than 58 dB
logo
New Jersey Semi-Conduct...
1N4052 NJSEMI-1N4052 Datasheet
111Kb / 1P
   Standard Rectifier (trr more than 500ns)
logo
Cornell Dubilier Electr...
MLSG-S CDE-MLSG-S Datasheet
223Kb / 7P
   Withstands more than 80,000 feet altitude
logo
MERITEK ELECTRONICS COR...
CI MERITEK-CI Datasheet
144Kb / 1P
   Reduction in required real estate (more than 50%)
logo
Analog Devices
HMC7748 AD-HMC7748 Datasheet
262Kb / 9P
   58 dB typical small signal gain
logo
Renesas Technology Corp
HN29V25611AT-50 RENESAS-HN29V25611AT-50 Datasheet
351Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Hitachi Semiconductor
HN29W12811 HITACHI-HN29W12811 Datasheet
315Kb / 42P
   128M AND type Flash Memory More than 8,029-sector (135,657,984-bit)
HN29W25611 HITACHI-HN29W25611 Datasheet
347Kb / 43P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Renesas Technology Corp
HN29V25611AT-50H RENESAS-HN29V25611AT-50H Datasheet
349Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Hitachi Semiconductor
HN29V51211 HITACHI-HN29V51211 Datasheet
306Kb / 42P
   512M AND type Flash Memory More than 32,113-sector (542,581,248-bit)
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com