データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G474PBY6XXX データシート(PDF) 235 Page - STMicroelectronics

部品番号 STM32G474PBY6XXX
部品情報  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474PBY6XXX データシート(HTML) 235 Page - STMicroelectronics

Back Button STM32G474PBY6XXX Datasheet HTML 228Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 229Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 230Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 231Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 232Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 233Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 234Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 235Page - STMicroelectronics STM32G474PBY6XXX Datasheet HTML 236Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 235 / 236 page
background image
DS12288 Rev 5
235/236
STM32G474xB STM32G474xC STM32G474xE
Revision history
235
03-Jun-2020
4
Updated:
– Table 2: STM32G474xB/xC/xE features and peripheral counts,
– Table 36: Low-power mode wakeup timings
– Section 3.5: Embedded SRAM
Deleted:
– Table 23: Current consumption in Run and Low-power run modes, code with data
processing running from Flash in single bank, ART disable
– Table 24: Current consumption in Run and Low-power run modes, code with data
processing running from Flash in dual bank, ART disable
– Table 27: Typical current consumption in Run and Low-power run modes, with
different codes running from Flash, ART disable
23-Oct-2020
5
Updated:
– Table 1: Device summary
– Section 3.18: Analog-to-digital converter (ADC)
– Table 2: STM32G474xB/xC/xE features and peripheral counts
– Table 21: Current consumption in Run and Low-power run modes, code with data
processing running from Flash in single Bank, ART enable (Cache ON Prefetch
OFF)
– Table 22: Current consumption in Run and Low-power run modes, code with data
processing running from Flash in dual bank, ART enable (Cache ON Prefetch
OFF)
– Table 23: Current consumption in Run and Low-power run modes, code with data
processing running from SRAM1
– Table 28: Current consumption in Sleep and Low-power sleep mode Flash ON
– Table 29: Current consumption in low-power sleep modes, Flash in power-down
– Table 30: Current consumption in Stop 1 mode
– Table 31: Current consumption in Stop 0 mode
– Table 32: Current consumption in Standby mode
– Table 51: ESD absolute maximum ratings
– Table 76: DAC 15MSPS characteristics
– Table 79: COMP characteristics
– Table 80: OPAMP characteristics
– Table 84: TIMx characteristics
– Table 89: SPI characteristics
– Table 90: I2S characteristics
– Table 109: QUADSPI characteristics in DDR mode
– Table 121: UFBGA121 - mechanical data
– Table 122: UFBGA121 - recommended PCB design rules
– Table 123: Package thermal characteristics
– Table 124: Ordering information
– Figure 77: UFBGA121 - outline
– Figure 78: UFBGA121 - recommended footprint
Added:
– Figure 75: LQFP128 - recommended footprint
Table 125. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More