データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VAR-18086077M3S-K データシート(PDF) 1 Page - TDK Electronics

部品番号 VAR-18086077M3S-K
部品情報  Ring Varistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TDK [TDK Electronics]
ホームページ  http://www.tdk.com
Logo TDK - TDK Electronics

VAR-18086077M3S-K データシート(HTML) 1 Page - TDK Electronics

  VAR-18086077M3S-K Datasheet HTML 1Page - TDK Electronics VAR-18086077M3S-K Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ring Varistors
1 of 2
Creation Date : January 18, 2021 (GMT)
VAR-18086077M3S-K
Series
VAR-18
Type
Side Electrode
Number of Electrode 3
Status
Production (Not Recommended for New Design)
Size
Outer Diameter(ΦD1)
8.60mm ±0.20mm
Inner Diameter(ΦD2)
5.00mm ±0.20mm
Thickness(T)
0.75mm Max.
Electrical Characteristics
Reference Current
10mA
Varistor Voltage
5.9 to 9.4V
Non Linear Coefficient [1 to 10mA]
2.3
Temperature Coefficient of Varistor Voltage
±0.3%/°C
Capacitance (Min.) [1kHz]
1nF
Capacitance (Max.) [1kHz]
50nF
Rated Power
300mW
Other
Operating Temperature Range
-25 to 85°C
Packing
Bulk(Polystyrene form)
Package Quantity
4000pcs
Weight
0.116g
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


同様の部品番号 - VAR-18086077M3S-K

メーカー部品番号データシート部品情報
logo
TDK Electronics
VAR-18086032Y3S-K TDK-VAR-18086032Y3S-K Datasheet
125Kb / 2P
   Ring Varistors
VAR-18086053M3S-K TDK-VAR-18086053M3S-K Datasheet
125Kb / 2P
   Ring Varistors
More results

同様の説明 - VAR-18086077M3S-K

メーカー部品番号データシート部品情報
logo
TDK Electronics
VAR-18078077M3S-K TDK-VAR-18078077M3S-K Datasheet
125Kb / 2P
   Ring Varistors
VAR-18085053M3P-K TDK-VAR-18085053M3P-K Datasheet
222Kb / 2P
   Ring Varistors
VAR-18086032Y3S-K TDK-VAR-18086032Y3S-K Datasheet
125Kb / 2P
   Ring Varistors
VAR-18024053M3P-K TDK-VAR-18024053M3P-K Datasheet
222Kb / 2P
   Ring Varistors
VAR-18120240M5P-K TDK-VAR-18120240M5P-K Datasheet
80Kb / 2P
   Ring Varistors
VAR-18030053M3P-AK TDK-VAR-18030053M3P-AK Datasheet
222Kb / 2P
   Ring Varistors
VAR-18042077M3P-K TDK-VAR-18042077M3P-K Datasheet
222Kb / 2P
   Ring Varistors
VAR-18042077M3S-K TDK-VAR-18042077M3S-K Datasheet
125Kb / 2P
   Ring Varistors
VAR-18042032Y3P-K TDK-VAR-18042032Y3P-K Datasheet
222Kb / 2P
   Ring Varistors
VAR-18060053M3P-K TDK-VAR-18060053M3P-K Datasheet
222Kb / 2P
   Ring Varistors
VAR-18066077M3P-K TDK-VAR-18066077M3P-K Datasheet
222Kb / 2P
   Ring Varistors
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com