データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G47PBY6TR データシート(PDF) 110 Page - STMicroelectronics

部品番号 STM32G47PBY6TR
部品情報  Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213DMIPS, 128 KB SRAM, rich analog, math accelerator
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G47PBY6TR データシート(HTML) 110 Page - STMicroelectronics

Back Button STM32G47PBY6TR Datasheet HTML 106Page - STMicroelectronics STM32G47PBY6TR Datasheet HTML 107Page - STMicroelectronics STM32G47PBY6TR Datasheet HTML 108Page - STMicroelectronics STM32G47PBY6TR Datasheet HTML 109Page - STMicroelectronics STM32G47PBY6TR Datasheet HTML 110Page - STMicroelectronics STM32G47PBY6TR Datasheet HTML 111Page - STMicroelectronics STM32G47PBY6TR Datasheet HTML 112Page - STMicroelectronics STM32G47PBY6TR Datasheet HTML 113Page - STMicroelectronics STM32G47PBY6TR Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 229 page
background image
Electrical characteristics
STM32G473xB STM32G473xC STM32G473xE
110/229
DS12712 Rev 3
APB2
SAI1
2.67
2.48
2.05
2.64
µA/MHz
SPI1
1.99
1.86
1.54
2.02
SPI4
1.99
1.86
1.54
2.02
TIM1
10.85
10.13
8.40
9.93
TIM8
10.67
9.96
8.25
9.82
TIM15
4.81
4.48
3.71
4.57
TIM16
3.71
3.45
2.88
3.45
TIM17
3.66
3.41
2.83
3.81
TIM20
10.71
9.99
8.29
10.00
USART1
2.49
2.31
1.91
2.49
SYSCFG/COMP/OPAMP/VREFBUF
1.63
1.52
1.25
0.91
Table 35. Peripheral current consumption (continued)
Bus
Peripheral
Range 1
Boost
mode
Range 1
Normal
mode
Range 2
Low-power
run and
sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More