| データシートサーチシステム |
|
STM32MP157FAC1T データシート(PDF) 236 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP157FAC1T データシート(HTML) 236 Page - STMicroelectronics |
|
236 / 260 page ![]() Electrical characteristics STM32MP157C/F 236/260 DS12505 Rev 5 IDDA1V1_REG(PHY) High-Speed TX(2) One USB port - 1.4 - mA Two USB ports - 2.4 - High-Speed RX(3) / Idle One USB port - 5.4 - Two USB ports - 10.4 - Ful-Speed and Low-Speed mode (Suspend, TX or RX) - 0 - IDDA1V8_REG(PHY) High-Speed TX(2) One USB port - 25.5 - mA Two USB ports - 50.5 - High-Speed RX(3) / Idle One USB port - 2.5 - Two USB ports - 5.5 - Ful-Speed and Low-Speed mode (Suspend, TX or RX) - 0 - IDDA3V3_USBHS(PHY) High-Speed TX(2) One USB port - 5 - mA Two USB ports - 7 - High-Speed RX(3) / Idle One USB port - 6 - Two USB ports - 10 - Full-Speed Suspend (host mode) One USB port - 0 - Two USB ports - 0 - Full-Speed Suspend (peripheral mode) One USB port - 0.2 - Two USB ports - 0.4 - Full-Speed TX(2) One USB port - 6.5 - Two USB ports - 10.5 - Full-Speed RX(3) One USB port - 6.5 - Two USB ports - 11.5 - Low-Speed TX(2) One USB port - 7 - Two USB ports - 11.5 - Low-Speed RX(3) One USB port - 4.3 - Two USB ports - 6.1 - 1. Guaranteed by design unless otherwise specified. 2. USB link 100% of the time in transmission 3. USB link 100% of the time in reception Table 113. USB High-Speed PHY characteristics(1) (continued) Symbol Parameter Conditions Min Typ Max Unit |