データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L031C4U6SDTR データシート(PDF) 119 Page - STMicroelectronics

部品番号 STM32L031C4U6SDTR
部品情報  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031C4U6SDTR データシート(HTML) 119 Page - STMicroelectronics

Back Button STM32L031C4U6SDTR Datasheet HTML 115Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 116Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 117Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 118Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 119Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 120Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 121Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 122Page - STMicroelectronics STM32L031C4U6SDTR Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 126 page
background image
DS10668 Rev 6
119/126
STM32L031x4/6
Package information
120
Figure 55. Thermal resistance
1. The above curves are valid for range 3. For range 7, the curves are shifted by 20 °C to the right.
7.8.1
Reference document
JESD51-2 Integrated Circuits Thermal Test Method Environment Conditions - Natural
Convection (Still Air). Available from http://www.jedec.org.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More