データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SU-7P データシート(PDF) 5 Page - Panasonic Semiconductor

部品番号 SU-7P
部品情報  Slim Body Automatic Sensitivity Setting Photoelectric Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SU-7P データシート(HTML) 5 Page - Panasonic Semiconductor

  SU-7P Datasheet HTML 1Page - Panasonic Semiconductor SU-7P Datasheet HTML 2Page - Panasonic Semiconductor SU-7P Datasheet HTML 3Page - Panasonic Semiconductor SU-7P Datasheet HTML 4Page - Panasonic Semiconductor SU-7P Datasheet HTML 5Page - Panasonic Semiconductor SU-7P Datasheet HTML 6Page - Panasonic Semiconductor SU-7P Datasheet HTML 7Page - Panasonic Semiconductor SU-7P Datasheet HTML 8Page - Panasonic Semiconductor SU-7P Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
381 SlimBodyAutomaticSensitivitySettingPhotoelectricSensor SU-7SERIES SHSERIES
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Amplifier
Built-in
Power Supply
Built-in
Amplifier-
separated
SU-7/SH
Type
Ultra-slim type
Ultra-small type
Thru-beam
Diffuse
reflective
Thru-beam
Diffuse
reflective
Front sensing Side sensing
Red LED
Green LED
Red LED
Item
Model No.
SH-21
SH-21E
SH-22
SH-31R
SH-31G
SH-33R
SH-32R
CE marking directive compliance
EMC Directive, RoHS Directive
Applicable amplifiers
SU-7 series
Sensing range
300 mm 11.811 in
50 mm 1.969 in
(Note 2)
1 m 3.281 ft
100 mm 3.937 in
2 m 6.562 ft
100 mm 3.937 in
(Note 2)
Sensing object
Min. ø0.3 mm ø0.012 in opaque object
(under the optimum condition)
(Note 4)
Min. ø0.3 mm
ø0.012 in
copper wire
with 3 mm
0.118 in setting
distance and at
the max
sensitivity
Min. ø1 mm
ø0.039 in
opaque object
with 1 m
3.281 ft setting
distance and at
the optimum
sensitivity
(Note 5)
Min. ø1 mm
ø0.039 in
opaque object
with 100 mm
3.937 in setting
distance and at
the optimum
sensitivity
(Note 5)
Min. ø1 mm
ø0.039 in
opaque object
with 2 m
6.562 ft setting
distance and at
the optimum
sensitivity
(Note 5)
Opaque,
translucent or
transparent
object
(Note 3)
Hysteresis
15 % or less of operation
distance (Note 2)
15 % or less of operation
distance (Note 2)
Repeatability
(perpendicular to sensing axis)
0.03 mm 0.001 in or less
0.15 mm 0.006 in
or less
0.1 mm 0.004 in or less
0.5 mm 0.020 in
or less
Operation indicator
Red LED
lights up when the sensing output of the amplifier is ON,
incorporated on the emitter of the thru-beam type sensor head
Pollution degree
3 (Industrial environment)
Protection
IP62 (IEC)
IP66 (IEC)
Ambient temperature
–10 to +60 °C +14 to 140 °F
(No dew condensation or icing allowed)
Storage: –20 to +70 °C –4 to +158 °F
–25 to +60 °C –13 to +140 °F
(No dew condensation or icing allowed)
Storage: –30 to +70 °C –22 to +158 °F
Ambient humidity
35 to 85 % RH, Storage: 35 to 85 % RH
Ambient illuminance
Incandescent light: 3,500 ℓx or less at the light-receiving face
Vibration resistance
10 to 55 Hz frequency, 1.5 mm 0.059 in double amplitude in X, Y and Z directions for two hours each
Shock resistance
500 m/s2 acceleration (50 G approx.) in X, Y and Z directions three times each
Emitting element
Infrared LED (modulated)
Red LED
(modulated)
Green LED
(modulated)
Red LED (modulated)
Peak emission wavelength
880 nm 0.035 mil
700 nm 0.028 mil 570 nm 0.022 mil 680 nm 0.027 mil 700 nm 0.028 mil
Material
Enclosure: Polycarbonate (glass fiber reinforced)
Enclosure: ABS, Lens: Polycarbonate
Cable
0.089 mm2 (ultra-slim type: 0.057 mm2) single core (diffuse reflective type: two parallel single core wires) shielded cable, 3 m 9.843 ft long
Cable extension
Extension up to total 5 m 16.404 ft (ultra-small type: 10 m 32.808 ft) is possible with an equivalent cable (thru-beam type: both emitter and receiver).
Net weight
Emitter: 12 g approx.
Receiver: 12 g approx.
24 g approx.
Emitter: 10 g approx.
Receiver: 10 g approx.
20 g approx.
Accessory
Sensor head mounting screw: 2 sets (
SH-22: 1 set)
SPECIFICATIONS
Sensor heads
Notes: 1) Where measurement conditions have not been specified precisely, the conditions used were an ambient temperature of +23 °C +73.4 °F.
2) The sensing range and the hysteresis of the diffuse reflective type sensor are specified for white non-glossy paper (50 × 50 mm 1.969 × 1.969 in) as the
object.
3) Make sure to confirm detection with an actual sensor before use.
4) The optimum condition is the condition when the sensitivity is adjusted so that the operation indicator just lights up at the given distance in the light
received condition.
5) The optimum sensitivity stands for the sensitivity level when the operation indicator just lights up in the light received condition.


同様の部品番号 - SU-7P

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SU-7114D-1 ETC1-SU-7114D-1 Datasheet
788Kb / 8P
DC Tachometer Generators
SU-7346D-1 ETC1-SU-7346D-1 Datasheet
788Kb / 8P
DC Tachometer Generators
SU-780D-1 ETC1-SU-780D-1 Datasheet
788Kb / 8P
DC Tachometer Generators
SU-780D-2 ETC1-SU-780D-2 Datasheet
788Kb / 8P
DC Tachometer Generators
SU-780J-1 ETC1-SU-780J-1 Datasheet
788Kb / 8P
DC Tachometer Generators
More results

同様の説明 - SU-7P

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
TLT2F15 OMRON-TLT2F15 Datasheet
295Kb / 14P
Slim Proximity Sensor
E3G-L12 OMRON-E3G-L12 Datasheet
858Kb / 17P
Distance-setting Photoelectric Sensor
logo
Panasonic Battery Group
EX-10S PANASONICBATTERY-EX-10S Datasheet
168Kb / 1P
Ultra-Slim, Narrow Beam Photoelectric Sensor
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Samtec, Inc
QRF8-026-05.0-L-D-A-GP SAMTEC-QRF8-026-05.0-L-D-A-GP Datasheet
522Kb / 1P
SLIM BODY GROUND PLANE SOCKET
QRM8-026-05.0-L-D-A SAMTEC-QRM8-026-05.0-L-D-A Datasheet
588Kb / 1P
SLIM BODY GROUND PLANE HEADER
logo
Panasonic Semiconductor
FX-11A PANASONIC-FX-11A Datasheet
173Kb / 1P
Slim Body Analog Fiber Sensor
EX-10 PANASONIC-EX-10 Datasheet
2Mb / 16P
Amplifier Built-in Ultra-slim Photoelectric Sensor
Ver.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com