データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SU-7P データシート(PDF) 1 Page - Panasonic Semiconductor

部品番号 SU-7P
部品情報  Slim Body Automatic Sensitivity Setting Photoelectric Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SU-7P データシート(HTML) 1 Page - Panasonic Semiconductor

  SU-7P Datasheet HTML 1Page - Panasonic Semiconductor SU-7P Datasheet HTML 2Page - Panasonic Semiconductor SU-7P Datasheet HTML 3Page - Panasonic Semiconductor SU-7P Datasheet HTML 4Page - Panasonic Semiconductor SU-7P Datasheet HTML 5Page - Panasonic Semiconductor SU-7P Datasheet HTML 6Page - Panasonic Semiconductor SU-7P Datasheet HTML 7Page - Panasonic Semiconductor SU-7P Datasheet HTML 8Page - Panasonic Semiconductor SU-7P Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
377
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
Selection
Guide
Amplifier
Built-in
Power Supply
Built-in
Amplifier-
separated
SU-7/SH
Related Information
Interference
prevention
Automatic
sensitivity setting
Simple and compact design
Simple automatic sensitivity setting
Anyone can carry out the optimum sensitivity setting by
simply pressing two buttons.
Quick wire connection
A snap of the lever secures the connection of the sensor head
cables on the
SU-7 amplifier. It is no longer required to strip
the wire insulation. Further, the exclusive stripper (accessory)
can be used to easily peel off the sensor cable outer sheath.
1
Aligning with the mark to be
detected, press the “ON” button.
2
Aligning with the background,
press the “OFF” button.
Caution: The outer fluorine sheath of the chemical resistant type sensor head,
SH-61R, cannot be cut off with the exclusive stripper.
Exclusive stripper
(Accessory)
1
Strip the cable sheaths
with the exclusive stripper.
2
Insert the wires into
the holes.
3
Flip up and lock
the lever.
Self-diagnosis
diagnosis
Test input PNP output
type available
Timer
External sync.
Refer to “
PRECAUTIONS FOR PROPER USE
(p.387~)” for further details.
Nine advanced functions for versatile sensing
FUNCTIONS
1
Limit sensitivity setting Allmodels
Sensitivity for detection of minute differences can be set by
the push of one button without the presence of an object.
2
Sensitivity shift Allmodels
The set threshold level can be shifted from
the center towards either ON or OFF level.
3
Remote sensitivity selection SU-79
The amplifier stores four channels of sensitivity
levels. They can be selected by the remote inputs.
4
Remote sensitivity setting SU-77
The sensitivity level can be adjusted from a remote place.
5
External synchronization SU-75
The timing for sensing can be
specified by an external input.
6
Test input (emission halt) SU-75
Convenient for start-up inspection.
7
Sensitivity margin indication Allmodels
The number of blinks of the
stability indicator indicates the
degree of the sensitivity margin.
8
ON-delay/OFF-delay timer
SU-7 SU-77 SU-79 SU-7J
The timer can be selected for either
ON-delay or OFF-delay of 0 to 5 sec.
9
Interference prevention Allmodels
Two sensor heads can be mounted close together.
Thickness: 10 mm 0.394 in
Chemical resistant type
Strong against chemicals
Since the sensor heads and the attached cables are
covered by fluorine resin,
SH-61R can be used in a
harsh chemical environment.
Moreover, it has a long
sensing range of 2.5 m
8.202 ft.
ENVIRONMENTAL RESISTANCE
SH-61R
Installation space can be greatly reduced as the
SU-7
amplifier is just 10 mm 0.394 in thick.
(W10 × H31.5 × D67 mm W0.394 × H1.240 × D2.638 in)
MOUNTING / SIZE
Slim Body Automatic Sensitivity Setting Photoelectric Sensor Amplifier-separated
SU-7 SERIES SH SERIES
General terms and conditions.............F-3 Selection guide .............................P.231~
Glossary of terms........................P.1549~ General precautions...................P.1552~
Long sensing range
2.5 m 8.202 ft
panasonic.net/id/pidsx/global
In combination with
sensor heads
SH-3□


同様の部品番号 - SU-7P

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SU-7114D-1 ETC1-SU-7114D-1 Datasheet
788Kb / 8P
DC Tachometer Generators
SU-7346D-1 ETC1-SU-7346D-1 Datasheet
788Kb / 8P
DC Tachometer Generators
SU-780D-1 ETC1-SU-780D-1 Datasheet
788Kb / 8P
DC Tachometer Generators
SU-780D-2 ETC1-SU-780D-2 Datasheet
788Kb / 8P
DC Tachometer Generators
SU-780J-1 ETC1-SU-780J-1 Datasheet
788Kb / 8P
DC Tachometer Generators
More results

同様の説明 - SU-7P

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
TLT2F15 OMRON-TLT2F15 Datasheet
295Kb / 14P
Slim Proximity Sensor
E3G-L12 OMRON-E3G-L12 Datasheet
858Kb / 17P
Distance-setting Photoelectric Sensor
logo
Panasonic Battery Group
EX-10S PANASONICBATTERY-EX-10S Datasheet
168Kb / 1P
Ultra-Slim, Narrow Beam Photoelectric Sensor
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Samtec, Inc
QRF8-026-05.0-L-D-A-GP SAMTEC-QRF8-026-05.0-L-D-A-GP Datasheet
522Kb / 1P
SLIM BODY GROUND PLANE SOCKET
QRM8-026-05.0-L-D-A SAMTEC-QRM8-026-05.0-L-D-A Datasheet
588Kb / 1P
SLIM BODY GROUND PLANE HEADER
logo
Panasonic Semiconductor
FX-11A PANASONIC-FX-11A Datasheet
173Kb / 1P
Slim Body Analog Fiber Sensor
EX-10 PANASONIC-EX-10 Datasheet
2Mb / 16P
Amplifier Built-in Ultra-slim Photoelectric Sensor
Ver.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com