データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SU-7P データシート(PDF) 10 Page - Panasonic Semiconductor

部品番号 SU-7P
部品情報  Slim Body Automatic Sensitivity Setting Photoelectric Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SU-7P データシート(HTML) 10 Page - Panasonic Semiconductor

Back Button SU-7P Datasheet HTML 6Page - Panasonic Semiconductor SU-7P Datasheet HTML 7Page - Panasonic Semiconductor SU-7P Datasheet HTML 8Page - Panasonic Semiconductor SU-7P Datasheet HTML 9Page - Panasonic Semiconductor SU-7P Datasheet HTML 10Page - Panasonic Semiconductor SU-7P Datasheet HTML 11Page - Panasonic Semiconductor SU-7P Datasheet HTML 12Page - Panasonic Semiconductor SU-7P Datasheet HTML 13Page - Panasonic Semiconductor SU-7P Datasheet HTML 14Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Slim Body Automatic Sensitivity Setting Photoelectric Sensor
SU-7 SERIES SH SERIES
386
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Amplifier
Built-in
Power Supply
Built-in
Amplifier-
separated
SU-7/SH
SENSING CHARACTERISTICS (TYPICAL)
SH-61R
Chemical resistant type
PRECAUTIONS FOR PROPER USE
Refer to p.1552~ for general precautions.
For ultra-small type, mark sensor & glass substrate detection sensor
• The tightening torque should be 0.29 N·m or less when
mounting the sensor head with the screws.
Parallel deviation
Sensing field with optional mounting bracket (MS-SH6-2)
Chemical resistant type
• Use M3 screws to mount the sensor head with the
attached sensor head mounting bracket.
• Use M4 screws to assemble the sensor head with the
optional sensor head mounting bracket
MS-SH6-2, in
order to form the convergent sensing mode.
In case of chemical resistant type sensor head
• Do not use where it can be exposed to molten alkali
metals (sodium, potassium, lithium, etc.), fluorine gas
(F2), CIF3, OF2 (including gaseous state), etc.
• In case of cable extension, the extended portion
should be placed in an area where it is not exposed to
chemicals.
Sensor head
3
9.843
4
13.123
2
6.562
1
3.281
0
400
15.748
200
7.874
400
15.748
200
7.874
0
Center
Left
Right
Operating point (mm in)
Receiver
Emitter
L
40
1.575
20
0.787
0
20
0.787
40
1.575
0
50
1.969
100
3.937
Sensor
head
Horizontal &
vertical directions
White non-
glossy paper
(Down) Left
Right (Up)
Center
Operating point (mm in)
Vertical
direction
Horizontal
direction
• Always use the sensor head and the exclusive amplifier
together as a set.
Mounting
Ultra-slim type
The tightening torque should be 0.14N·m or less.
The tightening torque should be 0.14 N·m or less.
<Side sensing>
7.5
0.295
[M2 (length 8 mm
0.315 in)]
Attached
mounting
screws
M2 × 0.4 0.016 holes,
tapped 6 0.236 deep
Sensing
direction
<Front sensing>
7.5
0.295
Attached
mounting
screws
[M2 (length 8 mm
0.315 in)]
M2 × 0.4 0.016 holes,
tapped 7 0.276 deep
(Unit: mm in)
Sensing
direction
• With tapped screws
• With attached screws and nuts
<Side sensing>
<Front sensing>
7.5
0.295
7.5
0.295
Spring washers
Nuts
Plain washers
Mounting board thickness:
1.5 mm 0.059 in or less
Mounting board thickness:
3 mm 0.118 in or less
Attached
mounting
screws
[M2 (length 8 mm
0.315 in)]
[M2 (length 8 mm
0.315 in)]
Attached
mounting
screws
(Unit: mm in)
M3 (length 12 mm
0.472 in) screws
with washers
Sensor head
mounting bracket
MS-SS3-1
(Optional)
20 mm
0.787 in
M3 screws [Material: Stainless steel (SUS304)]
(Purchase separately.)
Sensor head mounting bracket
MS-SH6-1 (Accessory)
[Material: Stainless steel (SUS304)]
M4 screws [Material: Stainless steel (SUS304)]
Sensor head mounting bracket
MS-SH6-2 (Optional)
[Material: Stainless steel (SUS304)]
(Purchase separately.)
• Never use this product as a sensing device
for personnel protection.
• In case of using sensing devices for
personnel protection, use products which
meet laws and standards, such as OSHA,
ANSI or IEC etc., for personnel protection
applicable in each region or country.


同様の部品番号 - SU-7P

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SU-7114D-1 ETC1-SU-7114D-1 Datasheet
788Kb / 8P
   DC Tachometer Generators
SU-7346D-1 ETC1-SU-7346D-1 Datasheet
788Kb / 8P
   DC Tachometer Generators
SU-780D-1 ETC1-SU-780D-1 Datasheet
788Kb / 8P
   DC Tachometer Generators
SU-780D-2 ETC1-SU-780D-2 Datasheet
788Kb / 8P
   DC Tachometer Generators
SU-780J-1 ETC1-SU-780J-1 Datasheet
788Kb / 8P
   DC Tachometer Generators
More results

同様の説明 - SU-7P

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
E3G-L12 OMRON-E3G-L12 Datasheet
858Kb / 17P
   Distance-setting Photoelectric Sensor
logo
Panasonic Semiconductor
FX-11A PANASONIC-FX-11A Datasheet
173Kb / 1P
   Slim Body Analog Fiber Sensor
logo
Panasonic Battery Group
EX-10S PANASONICBATTERY-EX-10S Datasheet
168Kb / 1P
   Ultra-Slim, Narrow Beam Photoelectric Sensor
logo
Panasonic Semiconductor
EX-10 PANASONIC-EX-10 Datasheet
2Mb / 16P
   Amplifier Built-in Ultra-slim Photoelectric Sensor
Ver.2
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
TLT2F15 OMRON-TLT2F15 Datasheet
295Kb / 14P
   Slim Proximity Sensor
logo
Samtec, Inc
QRF8-026-05.0-L-D-A-GP SAMTEC-QRF8-026-05.0-L-D-A-GP Datasheet
522Kb / 1P
   SLIM BODY GROUND PLANE SOCKET
QRM8-026-05.0-L-D-A SAMTEC-QRM8-026-05.0-L-D-A Datasheet
588Kb / 1P
   SLIM BODY GROUND PLANE HEADER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com