データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32WLE4JCY7TR データシート(PDF) 113 Page - STMicroelectronics

部品番号 STM32WLE4JCY7TR
部品情報  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCY7TR データシート(HTML) 113 Page - STMicroelectronics

Back Button STM32WLE4JCY7TR Datasheet HTML 109Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 110Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 111Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 112Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 113Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 114Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 115Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 116Page - STMicroelectronics STM32WLE4JCY7TR Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 145 page
background image
DS13105 Rev 8
113/145
STM32WLE5/E4xx
Electrical characteristics
133
Figure 21. Recommended NRST pin protection
1. The reset network protects the device against parasitic resets.
2. The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in the above table.
Otherwise the reset is not be taken into account by the device.
3. The external capacitor on NRST must be placed as close as possible to the device.
5.3.18
Analog switches booster
Table 75. NRST pin characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(NRST) NRST input low level voltage
-
-
-
0.3 x VDD
V
VIH(NRST) NRST input high level voltage
-
0.7 x VDD
--
Vhys(NRST) NRST Schmitt trigger voltage hysteresis
-
-
200
-
mV
RPU
Weak pull-up equivalent resistor(2)
VIN = VSS
25
40
55
kΩ
VF(NRST) NRST input, filtered pulse
-
-
-
70
ns
VNF(NRST) NRST input, not filtered pulse
1.8 V ≤ VDD ≤ 3.6 V
350
-
-
1.
Guaranteed by design.
2. The pull-up is designed with a true resistance in series with a switchable PMOS. This PMOS contribution to the series
resistance is minimal (~10 %)
.
MS19878V3
RPU
VDD
Internal reset
External
reset circuit
(1)
NRST
(2)
Filter
0.1 μF
Table 76. Analog switches booster characteristics(1)
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage
1.8
-
3.6
V
tSU(BOOST) Booster startup time
-
-
240
µs
IDD(BOOST)
Booster consumption for 1.8 V ≤ VDD ≤ 2.0 V
-
-
250
µA
Booster consumption for 2.0 V ≤ VDD ≤ 2.7 V
-
-
500
Booster consumption for 2.7 V ≤ VDD ≤ 3.6 V
-
-
900
1. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com