| データシートサーチシステム |
|
STM32H723VG データシート(PDF) 159 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H723VG データシート(HTML) 159 Page - STMicroelectronics |
|
159 / 227 page ![]() DS13313 Rev 2 159/227 STM32H723xE/G Electrical characteristics 208 3. These values are valid for TFBGA100, UFBGA169 and UFBGA176+25 packages and one ADC. The values for other packages and multiple ADCs may be different. 4. Depending on the package, VREF+ can be internally connected to VDDA and VREF- to VSSA. 5. The tolerance is 10 LSBs for 16-bit resolution, 4 LSBs for 14-bit resolution, and 2 LSBs for 12-bit, 10-bit and 8-bit resolutions. Table 80. Minimum sampling time vs RAIN (16-bit ADC)(1)(2) Resolution RAIN (Ω) Minimum sampling time (s) Direct channels(3) Fast channels(4) Slow channels(5) 16 bits 47 7.37E-08 1.14E-07 1.72E-07 14 bits 47 6.29E-08 9.74E-08 1.55E-07 68 6.84E-08 1.02E-07 1.58E-07 100 7.80E-08 1.12E-07 1.62E-07 150 9.86E-08 1.32E-07 1.80E-07 220 1.32E-07 1.61E-07 2.01E-07 12 bits 47 5.32E-08 8.00E-08 1.29E-07 68 5.74E-08 8.50E-08 1.32E-07 100 6.58E-08 9.31E-08 1.40E-07 150 8.37E-08 1.10E-07 1.51E-07 220 1.11E-07 1.34E-07 1.73E-07 330 1.56E-07 1.78E-07 2.14E-07 470 2.16E-07 2.39E-07 2.68E-07 680 3.01E-07 3.29E-07 3.54E-07 10 bits 47 4.34E-08 6.51E-08 1.08E-07 68 4.68E-08 6.89E-08 1.11E-07 100 5.35E-08 7.55E-08 1.16E-07 150 6.68E-08 8.77E-08 1.26E-07 220 8.80E-08 1.08E-07 1.40E-07 330 1.24E-07 1.43E-07 1.71E-07 470 1.69E-07 1.89E-07 2.13E-07 680 2.38E-07 2.60E-07 2.80E-07 1000 3.45E-07 3.66E-07 3.84E-07 1500 5.15E-07 5.35E-07 5.48E-07 2200 7.42E-07 7.75E-07 7.78E-07 3300 1.10E-06 1.14E-06 1.14E-06 |