| データシートサーチシステム |
|
STM32WLE4JCU6TR データシート(PDF) 102 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE4JCU6TR データシート(HTML) 102 Page - STMicroelectronics |
|
102 / 145 page ![]() Electrical characteristics STM32WLE5/E4xx 102/145 DS13105 Rev 8 IDD(MSI)(4) MSI oscillator power consumption MSI and PLL mode Range 0 - - 0.6 1 µA Range 1 - - 0.8 1.2 Range 2 - - 1.2 1.7 Range 3 - - 1.9 2.5 Range 4 - - 4.7 6 Range 5 - - 6.5 9 Range 6 - - 11 15 Range 7 - - 18.5 25 Range 8 - - 62 80 Range 9 - - 85 110 Range 10 - - 110 130 Range 11 - - 155 190 1. Guaranteed by characterization results. 2. This is a deviation for an individual part once the initial frequency has been measured. 3. Sampling mode means LPRun and LPSleep modes with temperature sensor disabled. 4. Guaranteed by design. Table 62. MSI oscillator characteristics(1) (continued) Symbol Parameter Conditions Min Typ Max Unit |