データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PH9384.XXXNL データシート(PDF) 1 Page - Pulse A Technitrol Company

部品番号 PH9384.XXXNL
部品情報  Isolation Power Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PH9384.XXXNL データシート(HTML) 1 Page - Pulse A Technitrol Company

  PH9384.XXXNL Datasheet HTML 1Page - Pulse A Technitrol Company PH9384.XXXNL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
power.pulseelectronics.com
P775. M (01/20)
http://www.power.pulseelectronics.com/contact
Isolation Power Transformers
Toroid Platform SMD PH9384.XXXNL and PM2185.XXXNL
Push Pull Converter Transformer
4KVrms Isolation (550Vrms Continuous)
Sidecar Package
UL Approved
Patented: US Pat 9,646,755
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
Part Number
Inductance
(1-3)
(μH ±35%)
Leakage Inductance
(1-3) with (4-6) shorted
(μH MAX)
Capacitance
(1, 2, 3) to (4, 5, 6)
(pF MAX)
DCR (1-3)
(Ω MAX)
DCR (4-6)
(Ω MAX)
MAX (1-3)1
(V-μsec Max)
Turns Ratio
(1:3) (6:4)
Isolated Voltage
(Vrms)
Commerical
Automotive7
PH9384.011NL
PM2185.011NL
538
0.8
20
0.30
0.40
24
1CT : 1CT
4000
PH9384.012NL
PM2185.012NL
538
0.6
30
0.33
0.65
24
1CT : 2CT
PH9384.021NL
PM2185.021NL
538
1.6
15
0.30
0.25
24
2CT : 1CT
PH9384.034NL
PM2185.034NL
680
0.6
30
0.35
0.52
27
3CT : 4CT
PH9384.035NL
PM2185.035NL
680
0.7
30
0.35
0.65
27
3CT : 5CT
PH9384.038NL
PM2185.038NL
538
0.7
30
0.40
0.90
27
3CT : 8CT
PH9384.043NL
PM2185.043NL
538
0.8
20
0.30
0.30
24
4CT : 3CT
PH9384.083NL
PM2185.083NL
538
2.0
15
0.30
0.22
24
8CT : 3CT
PH9384.089NL
PM2185.089NL
538
0.6
30
0.30
0.42
24
8CT :9CT
1.
The ET Max is calculated to limit the core loss and temperature rise at 200KHz based on
a bipolar flux swing of 130mT Peak.
2.
For Push-Pull topology, where the voltage is applied across half the primary winding
turns, the ET needs to be derated by 50% for the same flux swing.
3.
The applied ET may need to be further derated for higher frequencies based on the
temperature rise which results from the core and copper losses
A. To calculate total copper loss (W), use the following formula:
Copper Loss (W) = Irms_Primary2 * DCR_Primary + Irms_
Secondary2*DCR_Secondary
B. To calculate total core loss (W), use the following formula:
Core Loss (W) = 2.72E-12 * (Frequency in kHz)2.43*(130 * [ET/ET Max])2.5
Where ET is the applied Volt Second, ET Max is the rated Volt Second
for 130mT flux swing
C. To calculate temperature rise, use the following formula:
Temperature Rise (°C) = 154 * (Core Loss(W) + Copper Loss (W))
4.
The AEC-Q200 temperature and humidity operational life testing was completed using
a dielectric strength test of 4000Vdc.
5.
Optional Tape & Reel packing can be ordered by adding a “
T” suffix to the part number
(i.e. PH9384.012NL becomes PH9384.012NL
T). Pulse complies to industry standard tape
and reel specification EIA481.
6.
The “NL” suffix indicates an RoHS-compliant part number.
7.
The PM2185.XXXNL part numbers are AEC-Q200 and IATF16949 certified. The mechani-
cal dimensions are 100% tested in production but do not necessarily meet aproduct
capability index (Cpk) >1.33 and therefore may not strictly conform to PPAP.
Mechanical
PART NUMBER
Schematic
Weight ...........................0.85grams
Tape & Reel ........................400/reel
Tray ......................................55/tray
2
1
3
5
6
4
SECONDARY
PRIMARY
Notes:
PH9384.XXXNL and PM2185.XXXNL
Dimensions: mm
Unless otherwise specified,
all tolerances are: ±0.25


同様の部品番号 - PH9384.XXXNL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
PH9385 PULSE-PH9385 Datasheet
1Mb / 3P
   POWER MAGNETICS
PH9385.011NL PULSE-PH9385.011NL Datasheet
356Kb / 2P
   Isolation Power Transformers
PH9385.011NL PULSE-PH9385.011NL Datasheet
509Kb / 2P
   Isolation Power Transformers
PH9385.012NL PULSE-PH9385.012NL Datasheet
356Kb / 2P
   Isolation Power Transformers
PH9385.012NL PULSE-PH9385.012NL Datasheet
509Kb / 2P
   Isolation Power Transformers
More results

同様の説明 - PH9384.XXXNL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
PH9085.011NL PULSE-PH9085.011NL Datasheet
237Kb / 2P
   Isolation Power Transformers
PH9385.011NL PULSE-PH9385.011NL Datasheet
356Kb / 2P
   Isolation Power Transformers
PH9085.XXXNL PULSE-PH9085.XXXNL Datasheet
322Kb / 2P
   Isolation Power Transformers
PH9084.011NL PULSE-PH9084.011NL Datasheet
399Kb / 2P
   Isolation Power Transformers
PH9385.XXXNLT PULSE-PH9385.XXXNLT Datasheet
509Kb / 2P
   Isolation Power Transformers
PA3965.001NL PULSE-PA3965.001NL Datasheet
901Kb / 2P
   High Isolation Power Transformers
PH9184.011NL PULSE-PH9184.011NL Datasheet
391Kb / 2P
   High Isolation Power Transformers
PH9185.XXXNL PULSE-PH9185.XXXNL Datasheet
443Kb / 2P
   High Isolation Power Transformers
logo
Coilcraft lnc.
CR7983 COILCRAFT-CR7983 Datasheet
320Kb / 1P
   Isolation Transformers
PA6547 COILCRAFT-PA6547_15 Datasheet
315Kb / 1P
   Isolation Transformers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com