データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PH9084.011NL データシート(PDF) 1 Page - Pulse A Technitrol Company

部品番号 PH9084.011NL
部品情報  Isolation Power Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PH9084.011NL データシート(HTML) 1 Page - Pulse A Technitrol Company

  PH9084.011NL Datasheet HTML 1Page - Pulse A Technitrol Company PH9084.011NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
power.pulseelectronics.com
P781. E (04/19)
http://www.power.pulseelectronics.com/contact
Isolation Power Transformers
EE5 Platform SMD
Push Pull Converter Transformer
Operational Insulation
1.5KVrms isolation (380Vrms continuous)
Compact and cost effective industrial design
Output: 1.0W max
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
Part
Number
Inductance
(1-3)
(µH ±35%)
Leakage Inductance
(1-3) with
(4-6) shorted
(
µH MAX)
Capacitance
(1, 2, 3) to (4, 5, 6)
(pF MAX)
DCR (1-3)
(
Ω MAX)
DCR (4-6)
(
Ω MAX)
MAX (1-3)1
(V-
µsec Max)
Turns Ratio
(1:3) (6:4)
Isolated Voltage
(Vrms)
PH9084.011NL
456
3.0
15
2.0
2.0
37
1CT : 1CT
1500
PH9084.034NL
256
3.0
15
1.6
2.0
28
3CT : 4CT
PH9084.043NL
456
3.0
15
2.0
2.0
37
4CT : 3CT
PH9084.021NL
456
3.0
15
2.0
1.2
37
2CT : 1CT
1. The ET Max is calculated to limit the core loss and temperature rise at 200KHz based on a
bipolar flux swing of 180mT Peak.
2. For Push-Pull topology, where the voltage is applied across half the primary winding
turns, the ET needs to be derated by 50% for the same flux swing.
3. The applied ET may need to be further derated for higher frequencies based on the
temperature rise which results from the core and copper losses
A. To calculate total copper loss (W), use the following formula:
Copper Loss (W) = Irms_Primary2 * DCR_Primary + Irms_Secondary2*DCR_Secondary
B. To calculate total core loss (W), use the following formula:
Core Loss (W) = 1.2E-12 * (Frequency in kHz)1.9 * (180 * [ET/ET Max])2.7
Where ET is the applied Volt Second, ET Max is the rated Volt Second for 180mT flux
swing
C. To calculate temperature rise, use the following formula:
Temperature Rise (°C) = 302 * (Core Loss(W) + Copper Loss (W))
4. Optional Tape & Reel packing can be ordered by adding a “
T” suffix to the part number
(i.e. PH9084.011NL becomes PH9084.011NL
T). Pulse complies to industry standard tape
and reel specification EIA481.
5. The “NL” suffix indicates an RoHS-compliant part number.
PH9084.XXXNL
Mechanical
Schematic
Weight ...........................0.37grams
Tape & Reel ........................900/reel
Tray ......................................120/tray
Dimensions: mm
Unless otherwise specified,
all tolerances are ±0.25
2
1
3
5
6
4
SECONDARY
PRIMARY
Notes:


同様の部品番号 - PH9084.011NL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
PH9085 PULSE-PH9085 Datasheet
1Mb / 3P
POWER MAGNETICS
PH9085.011NL PULSE-PH9085.011NL Datasheet
237Kb / 2P
Isolation Power Transformers
PH9085.011NL PULSE-PH9085.011NL Datasheet
322Kb / 2P
Isolation Power Transformers
PH9085.012NL PULSE-PH9085.012NL Datasheet
237Kb / 2P
Isolation Power Transformers
PH9085.012NL PULSE-PH9085.012NL Datasheet
322Kb / 2P
Isolation Power Transformers
More results

同様の説明 - PH9084.011NL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
PH9384.XXXNL PULSE-PH9384.XXXNL Datasheet
620Kb / 2P
Isolation Power Transformers
PH9085.011NL PULSE-PH9085.011NL Datasheet
237Kb / 2P
Isolation Power Transformers
PH9385.011NL PULSE-PH9385.011NL Datasheet
356Kb / 2P
Isolation Power Transformers
PH9085.XXXNL PULSE-PH9085.XXXNL Datasheet
322Kb / 2P
Isolation Power Transformers
PH9385.XXXNLT PULSE-PH9385.XXXNLT Datasheet
509Kb / 2P
Isolation Power Transformers
PA3965.001NL PULSE-PA3965.001NL Datasheet
901Kb / 2P
High Isolation Power Transformers
PH9184.011NL PULSE-PH9184.011NL Datasheet
391Kb / 2P
High Isolation Power Transformers
PH9185.XXXNL PULSE-PH9185.XXXNL Datasheet
443Kb / 2P
High Isolation Power Transformers
logo
Coilcraft lnc.
CR7983 COILCRAFT-CR7983 Datasheet
320Kb / 1P
Isolation Transformers
PA6547 COILCRAFT-PA6547_15 Datasheet
315Kb / 1P
Isolation Transformers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com