データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PH0256NL データシート(PDF) 1 Page - Pulse A Technitrol Company

部品番号 PH0256NL
部品情報  Switch Mode Transformer for AC/DC offline Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PH0256NL データシート(HTML) 1 Page - Pulse A Technitrol Company

  PH0256NL Datasheet HTML 1Page - Pulse A Technitrol Company PH0256NL Datasheet HTML 2Page - Pulse A Technitrol Company PH0256NL Datasheet HTML 3Page - Pulse A Technitrol Company PH0256NL Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
power.pulseelectronics.com
P724.B (03/18)
http://www.power.pulseelectronics.com/contact
Switch Mode Transformer for
AC/DC offline Applications
EE16H, EE16V, EF20H and EF25V Platforms
AC/DC offline Switch Mode Transformer
Hipot up to 3000Vrms
Flyback Topology
Operational Insulation
Matched to Tiny Switch and Top Switch chipsets
Custom Design Available: <60W with up to Reinforced
Insulation
PH0256NL
Pri. Inductance
(3-2)
2800
µH±15%
FLYBACK TRANSFORMER
Lk. Inductance w/
(4,5,8,10)
65
µH max shorted
DCR
(3-2)
(10-8)
(4-5)
3.3
ΩMax
0.02
0.13
Hi-Pot
Pri-Sec
500 Vrms
K1 Factor
10100
PI IC’s
TNY264/274
PH0259NL
Pri. Inductance
(4-1)
1800
µH±15%
FLYBACK TRANSFORMER
Lk. Inductance w/
(5,6,7,8)
60
µH max shorted
DCR
(4,1)
(5-6)
(8-6)
2.556
ΩMax
0.0168
0.174
Hi-Pot
Pri-Sec
500 Vrms
K1 Factor
7200
PI IC’s
TNY266/274
PH0262NL
Pri. Inductance
(3-1)
790
µH±10%
FLYBACK TRANSFORMER
Lk. Inductance w/
(3-1)
(4,5,9,10)
30
µH max shorted
DCR
(3-1)
(4-5)
(10-9)
1.085
ΩMax
0.015
0.026
Hi-Pot
Pri-Sec
K1 Factor
4030
PI IC’s
TNY279
Electrical Specifications @ 25C- Operating Temperature -40C to +125C
!
NC
5
6
8
1
4
95-265Vdc
132KHZ
12Vdc, 1.25A
9Vdc, 0.02A
24Vdc,
0.02A
5Vdc, 0.05A
5Vdc, 1A
9Vdc, 0.02A
80-375Vdc
132KHz


同様の部品番号 - PH0256NL

メーカー部品番号データシート部品情報
logo
SHENZHEN DOINGTER SEMIC...
PH020TG DOINGTER-PH020TG Datasheet
956Kb / 4P
   N-Channel MOSFET uses advanced SGT technology
logo
Huber+Suhner, Inc.
PH024ES00000G055ZQY8UBS HUBERSUHNER-PH024ES00000G055ZQY8UBS Datasheet
511Kb / 4P
   MT-CSY, MLC-HT, 24F, 1x Q-ODC24 extension, 12xLC duplex, SM
logo
Delta Electronics, Inc.
PH02D0303A DELTA-PH02D0303A Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
PH02D0503A DELTA-PH02D0503A Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
PH02D1203A DELTA-PH02D1203A Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
More results

同様の説明 - PH0256NL

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI-LM3444MM Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444_14 Datasheet
965Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI1-LM3444MM Datasheet
971Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
logo
MPS Industries, Inc.
A2003 MPSIND-A2003 Datasheet
348Kb / 2P
   TRANSFORMER FOR DC/DC AUTOMOTIVE APPLICATIONS
logo
List of Unclassifed Man...
C2472 ETC2-C2472 Datasheet
466Kb / 18P
   RDFC Controllers for Offline Applications
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651_06 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
STMicroelectronics
SPAC265-3W STMICROELECTRONICS-SPAC265-3W Datasheet
284Kb / 10P
   AC-DC switch mode power supply
logo
Cirrus Logic
CS1615 APEX-CS1615 Datasheet
387Kb / 16P
   Single Stage Dimmable Offline AC/DC Controller for LED Lamps
logo
Maxim Integrated Produc...
MAX17498A MAXIM-MAX17498A Datasheet
2Mb / 28P
   AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
Rev 1; 3/12
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com